Electronic Components Datasheet Search
  English  ▼

X  

AS1346-49 Datasheet(PDF) 1 Page - ams AG

Part # AS1346-49
Description  Low Battery Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1346-49 Datasheet(HTML) 1 Page - ams AG

  AS1346-49 Datasheet HTML 1Page - ams AG AS1346-49 Datasheet HTML 2Page - ams AG AS1346-49 Datasheet HTML 3Page - ams AG AS1346-49 Datasheet HTML 4Page - ams AG AS1346-49 Datasheet HTML 5Page - ams AG AS1346-49 Datasheet HTML 6Page - ams AG AS1346-49 Datasheet HTML 7Page - ams AG AS1346-49 Datasheet HTML 8Page - ams AG AS1346-49 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ams.com/DC-DC_Step-Down
Revision 1.10
1 - 16
AS1346-49
Dual Step-Down Converter with Battery Monitoring
1 General Description
The AS1346, AS1347, AS1348, AS1349 family is a high-efficiency,
constant-frequency dual buck converter available with fixed voltage
versions. The device provides two independent DC/DC Converters
with output currents between 0.5A and 1.2A. The wide input voltage
range (2.7V to 5.5V), automatic powersave mode and minimal
external component requirements make the AS134x family perfect
for SSD and many other battery-powered applications.
In shutdown mode the typical supply current decreases to ≤1μA.
The highly efficient duty cycle (100%) provides low dropout
operation, prolonging battery life in portable systems.
An internal synchronous switching scheme increases efficiency and
eliminates the need for an external Schottky diode. The fixed
switching frequency (2.0MHz) allows the use of small surface mount
inductors.
The integrated monitoring function can be configured that either the
output voltage (Power Okay function ) or the input voltage (Battery
Monitoring Function) can be supervised.
The AS1346-49 is available in a 12-Pin TDFN 3x3mm package.
2 Key Features

High Efficiency: Up to 95%

Output Current: see Table 1

Input Voltage Range: 2.7V to 5.5V

Output Voltage Range: 1.2V to 3.6V (available in 100mV steps)

Constant Frequency Operation: 2.0MHz

180º Out of Phase Operation

Low Battery Detection

Low Dropout Operation: 100% Duty Cycle

Shutdown Mode Supply Current:
1μA

No Schottky Diode Required

Output Disconnect in Shutdown

Non standard variants available within two weeks

12-Pin TDFN 3x3mm Package
3 Applications
The device is ideal for SSD applications, mobile communication
devices, laptops and PDAs, ultra-low-power systems, threshold
detectors/discriminators, telemetry and remote systems, medical
instruments, or any other space-limited application with low power-
consumption requirements.
Table 1. Available Products
Devices
IOUT1
IOUT2
AS1346
1.2A
0.5A
AS1347
0.5A
0.5A
AS1348
0.5A
0.95A
AS1349
1.2A
1.2A
AS1346
COUT1
CIN
VIN
2.7V to 5.5V
VOUT1
3.3V 1200mA
Figure 1. AS1346 - Typical Application Diagram with POK Function
SW1
COUT2
VOUT2
1.8V 500mA
FB1
FB2
SW2
AGND
EN2
PVIN
VDD
EN1
LBO
LBI
L1 = 3.3μH
POK Function
L2 = 3.3μH
PVIN
PGND


Similar Part No. - AS1346-49

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1346-BTDT-3318 AMSCO-AS1346-BTDT-3318 Datasheet
657Kb / 16P
Dual Step-Down Converter with Battery Monitoring
More results

Similar Description - AS1346-49

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
Multiple voltage regulator with battery detection
1998 Jun 16
TDA3606A PHILIPS-TDA3606A Datasheet
98Kb / 16P
Multiple voltage regulator with battery detection
1998 May 07
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
Lead Battery Charger IC with Battery Voltage Detection Function
logo
Mitsumi Electronics, Co...
MM1373 MITSUMI-MM1373 Datasheet
115Kb / 5P
Detection of Lithium Ion Battery Overcharging
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
October 17, 2006
logo
NXP Semiconductors
DA90 PHILIPS-DA90 Datasheet
84Kb / 3P
R.F. BATTERY DIODE FOR SIGNAL DETECTION
1.1.1954
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
logo
List of Unclassifed Man...
PYD1588 ETC2-PYD1588 Datasheet
208Kb / 2P
Next-Generation, Low-Power DigiPyro짰 for Battery-Operated Motion Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com