Electronic Components Datasheet Search
  English  ▼

X  

PI3PD22920 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3PD22920
Description  Ultra Small, Low-Input Voltage, Low RON Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PD22920 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3PD22920 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.pericom.com
P-0.1
02/14/13
PI3PD22920
Features
Î
Î
Integrated Load Switch
Î
Î
Input Voltage: 0.75-V to 3.6-V
Î
Î
Intergrated Pass-FET rDSON=2mΩ (typ) at 3.6-V
Î
Î
Ultra-Low ON Resistance
− rON = 5.3mΩ at VIN = 3.6V
− rON = 5.4mΩ at VIN = 2.5 V
− rON = 5.5mΩ at VIN = 1.8 V
− rON = 5.8mΩ at VIN = 1.2 V
− rON = 6.1mΩ at VIN = 1.05 V
− rON = 7.3mΩ at VIN = 0.75 V
Î
Î
Ultra Small CSP-8 package
0.9 mm x 1.9 mm, 0.5-mm Pitch
Î
Î
4-A Maximum Continuous Switch Current
Î
Î
Shutdown Current 5.5-μA max
Î
Î
Low Threshold Control Input
Î
Î
Controlled Slew Rate to Avoid Inrush Currents
Î
Î
Quick Output Discharge Transistor
Î
Î
ESD Performance Tested Per JESD 22
− 8000-V Human-Body Model (A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Description
The PI3PD22920 is a small, ultra-low rON load switch with con-
trolled turn on. The device contains a N-channel MOSFET that
can operate over an input voltage range of 0.75 V to 3.6 V and
switch currents up to 4-A. An integrated charge pump biases the
NMOS switch in order to achieve a minimum switch ON resis-
tance (rON). The switch is controlled by an on/off input (ON),
which is capable of interfacing directly with low-voltage control
signals.
The PI3PD22920 has a 1250Ω on-chip load resistor for quick out-
put discharge when the switch is turned off.
The PI3D22920 has an internally controlled rise time in order
to reduce inrush current. The PI3D22920 features a rise time of
880μS at 3.6V.
The PI3D22920 is available in an ultra-small, space-saving 8-pin
CSP package and is characterized for operation over the free-air
temperature range of –40°C to 85°C.
Pin Configuration (Bottom View)
GND
ON
Vout
Vout
Vout
Vin
Vin
Vin
A
B
C
D
1
2
Ultra Small, Low-Input Voltage, Low RON Load Switch
Applications
Î
Î
Notebook / Netbook Computer
Î
Î
Tablet PC
Î
Î
PDAs / Smartphones
Î
Î
GPS Navigation Devices
Î
Î
MP3 Players
13-0013


Similar Part No. - PI3PD22920

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919GBE PERICOM-PI3PD22919GBE Datasheet
1Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
More results

Similar Description - PI3PD22920

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924D TI-TPS22924D Datasheet
921Kb / 18P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Pericom Semiconductor C...
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com