Electronic Components Datasheet Search
  English  ▼

X  

PI3PD22920 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI3PD22920
Description  Ultra Small, Low-Input Voltage, Low RON Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PD22920 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI3PD22920 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
PI3PD22920
Ultra Small, Low-Input Voltage, Low RON Load Switch
www.pericom.com
P-0.1
02/14/13
TURN-ON RESPONSE
Vin=3.6V, TA=25C, CIN=47uF, CL=20uF, RL=10Ω
TURN-OFF RESPONSE
Vin=3.6V, TA=25C, CIN=47uF, CL=20uF, RL=10Ω
Figure 23.
Figure 24.
13-0013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com