Electronic Components Datasheet Search
  English  ▼

X  

LA03-PB Datasheet(PDF) 1 Page - LEM

Part # LA03-PB
Description  Current Transducer LA 03~20-PB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA03-PB Datasheet(HTML) 1 Page - LEM

  LA03-PB Datasheet HTML 1Page - LEM LA03-PB Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Primary Conductor
Type
r.m.s. current
measuring range
Diameter
I
PN (A)
I
P (A)
(mm)
3
± 4.5
0.5
LA 03-PB
5
± 7.5
0.5
LA 05-PB
10
± 15
0.65
LA 10-PB
15
± 22.5
0.8
LA 15-PB
20
± 30
1.0
LA 20-PB
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
app. 20mA+ I
PN/1200 mA
V
d
R.m.s. voltage for AC isolation test, 50/60Hz,1mn
2.5
kV
R
IS
Isolation resistance @ 500 VDC
> 500
M
Ω
V
OUT
Output voltage @ ± I
PN, RL = 10 kΩ , TA = 25°C
± 4
V
R
L
Load resistance
> 10
k
Ω
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ± 1.5 % of I
PN
εε
L
Linearity (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ± 30
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
< ± 15
mV
V
OT
Thermal drift of V
OE
max.
± 1
mV/K
TC
εε
G
Thermal drift(% of reading)
< 0.04
%/K
t
r
Response time @ 90% of I
P
< 3
µs
f
Frequency bandwidth (- 1dB)1)
DC .. 150
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 80 °C
T
S
Ambient storage temperature
- 15 .. + 85 °C
m
Mass
< 12
g
Notes :
EN 50178 approval pending
Current Transducer LA 03 .. 20-PB
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
=
3 .. 20 A
Features
• Closed loop (compensation) current
transducer using the Hall effect
• Voltage output
• Printed circuit board mounting
Advantages
• Excellent accuracy
• Very good linearity
• Low temperature drift
• Optimized response time
• Wide frequency bandwidth
• No insertion losses
• High immunity to external
interference
• Current overload capacity
Applications
• AC variable speed drives and servo
motor drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications
LEM Components
www.lem.com
010118/2
Preliminary
1) Derating is needed to avoid excessive core heating at high frequency.


Similar Part No. - LA03-PB

ManufacturerPart #DatasheetDescription
logo
LEM
LA03-PB LEM-LA03-PB Datasheet
183Kb / 3P
Current Transducer
LA03-PB LEM-LA03-PB_05 Datasheet
183Kb / 3P
Current Transducer
More results

Similar Description - LA03-PB

ManufacturerPart #DatasheetDescription
logo
LEM
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
Current Transducer LA 25-NP
LA35-NP LEM-LA35-NP Datasheet
78Kb / 2P
Current Transducer LA 35-NP
LA55-TP LEM-LA55-TP Datasheet
66Kb / 2P
Current Transducer LA 55-TP
LA205-S LEM-LA205-S Datasheet
73Kb / 2P
Current Transducer LA 205-S
LA255-S LEM-LA255-S Datasheet
66Kb / 2P
Current Transducer LA 255-S
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
Current Transducer LA 305-S
LA100P LEM-LA100P Datasheet
69Kb / 2P
CURRENT TRANSDUCER LA 100-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
Current Transducer LA 55-P
LA55P LEM-LA55P Datasheet
68Kb / 2P
Current Transducer LA 55-P
LA-100-P LEM-LA-100-P Datasheet
639Kb / 3P
Current Transducer LA 100-P
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com