Electronic Components Datasheet Search
  English  ▼

X  

LA03-PB Datasheet(PDF) 2 Page - LEM

Part # LA03-PB
Description  Current Transducer LA 03~20-PB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA03-PB Datasheet(HTML) 2 Page - LEM

  LA03-PB Datasheet HTML 1Page - LEM LA03-PB Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LA 03 ... 20-PB
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
1
2
3
4
Primary Conductor
4-0.5*0.25
Terminal Pin Identification
3
+Vcc
1
-Vcc
4
Output
2
0V
UNIT : mm
SCALE : 2/1
19 +/-1
2
15 +/-1
Signal Pins
Primary Conductor
Part No.
Diameter
LA 03-P
LA 05-P
LA 10-P
LA 15-P
LA 20-P
0.5 d
0.5 d
0.65 d
0.8 d
1.0 d
See the attached table
Signal Pins
5 (+)
6 (-)
Direction of Current Flow
3-p=2.54
6 +/-1
5
6
Front View
Right View
Bottom View
PB
PB
PB
PB
PB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com