Electronic Components Datasheet Search
  English  ▼

X  

MB9B110T Datasheet(PDF) 111 Page - SPANSION

Part # MB9B110T
Description  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B110T Datasheet(HTML) 111 Page - SPANSION

Back Button MB9B110T Datasheet HTML 107Page - SPANSION MB9B110T Datasheet HTML 108Page - SPANSION MB9B110T Datasheet HTML 109Page - SPANSION MB9B110T Datasheet HTML 110Page - SPANSION MB9B110T Datasheet HTML 111Page - SPANSION MB9B110T Datasheet HTML 112Page - SPANSION MB9B110T Datasheet HTML 113Page - SPANSION MB9B110T Datasheet HTML 114Page - SPANSION MB9B110T Datasheet HTML 115Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 129 page
background image
Da t a S h e e t
108
MB9B110T-DS706-00016-3v0-E, January 31, 2014
CONFIDENTIAL
5.
12-bit A/D Converter
Electrical characteristics for the A/D converter
(Vcc = AVcc = 2.7V to 5.5V, Vss = AVss = 0V, Ta = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Integral Nonlinearity
-
-
-
± 4.5
LSB
AVRH = 2.7 V to
5.5 V
Differential Nonlinearity
-
-
-
± 2.5
LSB
Zero transition voltage
VZT
ANxx
-
± 15
mV
Full-scale transition
voltage
VFST
ANxx
-
AVRH ± 15 mV
Conversion time
-
-
1.0*
1
-
-
μs
AVcc ≥ 4.5 V
1.2*
1
-
-
AVcc < 4.5 V
Sampling time
Ts
-
*2
-
-
ns
AVcc ≥ 4.5 V
*2
-
-
AVcc < 4.5 V
Compare clock cycle*
3
Tcck
-
50
-
2000
ns
State transition time to
operation permission
Tstt
-
-
-
1.0
μs
Analog input capacity
CAIN
-
-
-
12.9
pF
Analog input resistance
RAIN
-
-
-
2
kΩ
AVcc ≥ 4.5 V
3.8
AVcc < 4.5 V
Interchannel disparity
-
-
-
-
4
LSB
Analog port input
current
-
ANxx
-
-
5
μA
Analog input voltage
-
ANxx
AVSS
-
AVRH
V
Reference voltage
-
AVRH
2.7
-
AVCC
V
*1: The Conversion time is the value of sampling time (Ts) + compare time (Tc).
The condition of the minimum conversion time is the following.
AVcc ≥ 4.5 V, HCLK=120 MHz
sampling time: 300 ns
compare time: 700 ns
AVcc < 4.5 V, HCLK=120 MHz
sampling time: 500 ns
compare time: 700 ns
Ensure that it satisfies the value of the sampling time (Ts) and compare clock cycle (Tcck).
For setting of the sampling time and compare clock cycle, see "CHAPTER 1-1: A/D Converter" in "FM3
Family PERIPHERAL MANUAL Analog Macro Part".
The registers setting of the A/D Converter are reflected in the operation according to the APB bus clock
timing.
The sampling clock and compare clock is generated from the Base clock (HCLK).
About the APB bus number which the A/D Converter is connected to, see "Block Diagram" in this data
sheet.
*2: A necessary sampling time changes by external impedance.
Ensure that it set the sampling time to satisfy (Equation 1).
*3: Compare time (Tc) is the value of (Equation 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com