Electronic Components Datasheet Search
  English  ▼

X  

MB9B110T Datasheet(PDF) 112 Page - SPANSION

Part # MB9B110T
Description  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B110T Datasheet(HTML) 112 Page - SPANSION

Back Button MB9B110T Datasheet HTML 108Page - SPANSION MB9B110T Datasheet HTML 109Page - SPANSION MB9B110T Datasheet HTML 110Page - SPANSION MB9B110T Datasheet HTML 111Page - SPANSION MB9B110T Datasheet HTML 112Page - SPANSION MB9B110T Datasheet HTML 113Page - SPANSION MB9B110T Datasheet HTML 114Page - SPANSION MB9B110T Datasheet HTML 115Page - SPANSION MB9B110T Datasheet HTML 116Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 129 page
background image
D a t a S h e e t
January 31, 2014, MB9B110T-DS706-00016-3v0-E
109
CONFIDENTIAL
(Equation 1) Ts
≥ ( R
AIN + Rext ) × CAIN × 9
Ts:
Sampling time
RAIN:
input resistance of A/D = 2 kΩ at 4.5 ≤ AVCC ≤ 5.5
input resistance of A/D = 3.8 kΩ at 2.7 ≤ AVCC < 4.5
CAIN:
input capacity of A/D = 12.9 pF at 2.7 ≤ AVCC ≤ 5.5
Rext:
Output impedance of external circuit
(Equation 2) Tc = Tcck × 14
Tc:
Compare time
Tcck:
Compare clock cycle
Rext
RAIN
CAIN
Analog
signal source
ANxx
Analog input pin
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com