Electronic Components Datasheet Search
  English  ▼

X  

MB9B320M Datasheet(PDF) 61 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 61 Page - SPANSION

Back Button MB9B320M Datasheet HTML 57Page - SPANSION MB9B320M Datasheet HTML 58Page - SPANSION MB9B320M Datasheet HTML 59Page - SPANSION MB9B320M Datasheet HTML 60Page - SPANSION MB9B320M Datasheet HTML 61Page - SPANSION MB9B320M Datasheet HTML 62Page - SPANSION MB9B320M Datasheet HTML 63Page - SPANSION MB9B320M Datasheet HTML 64Page - SPANSION MB9B320M Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
D a t a S h e e t
58
MB9B320M_DS706-00049-3v0-E, March 18, 2015
CONFIDENTIAL
2.
Recommended Operating Conditions
(VSS = AVSS = AVRL = 0.0V)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
-
2.7*
4
5.5
V
Power supply voltage (3V power
supply) for USB
USBVCC
-
3.0
3.6
(≤ VCC)
V
*1
2.7
5.5
(≤ VCC)
*2
Analog power supply voltage
AVCC
-
2.7
5.5
V
AVCC = VCC
Analog reference voltage
AVRH
-
2.7
AVCC
V
AVRL
-
AVSS
AVSS
V
Smoothing capacitor
CS
-
1
10
μF
For Regulator*
3
Operating temperature
TA
-
- 40
+ 105
°C
*1: When P81/UDP0 and P80/UDM0 pins are used as USB (UDP0, UDM0).
*2: When P81/UDP0 and P80/UDM0 pins are used as GPIO (P81, P80).
*3: See " C Pin" in "Handling Devices" for the connection of the smoothing capacitor.
*4: In between less than the minimum power supply voltage and low voltage reset/interrupt detection voltage or
more, instruction execution and low voltage detection function by built-in High-speed CR(including Main
PLL is used) or bulit-in Low-speed CR is possible to operate only.
<WARNING>
The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure. No warranty is made
with respect to uses, operating conditions, or combinations not represented on the data sheet. Users
considering application outside the listed conditions are advised to contact their representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com