Electronic Components Datasheet Search
  English  ▼

X  

MB9B320M Datasheet(PDF) 95 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 95 Page - SPANSION

Back Button MB9B320M Datasheet HTML 91Page - SPANSION MB9B320M Datasheet HTML 92Page - SPANSION MB9B320M Datasheet HTML 93Page - SPANSION MB9B320M Datasheet HTML 94Page - SPANSION MB9B320M Datasheet HTML 95Page - SPANSION MB9B320M Datasheet HTML 96Page - SPANSION MB9B320M Datasheet HTML 97Page - SPANSION MB9B320M Datasheet HTML 98Page - SPANSION MB9B320M Datasheet HTML 99Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
D a t a S h e e t
92
MB9B320M_DS706-00049-3v0-E, March 18, 2015
CONFIDENTIAL
9.
Flash Memory Write/Erase Characteristics
(1) Write / Erase time
(VCC = 2.7V to 5.5V, TA = - 40°C to + 105°C)
Parameter
Value
Unit
Remarks
Typ
Max
Sector erase
time
Large Sector
1.1
2.7
s
Includes write time prior to internal
erase
Small Sector
0.3
0.9
Half word (16-bit)
write time
16
310
μs
Not including system-level overhead
time
Chip erase time
6.8
18
s
Includes write time prior to internal
erase
*: The typical value is immediately after shipment, the maximam value is guarantee value under 10,000 cycle
of erase/write.
(2) Write cycles and data hold time
Erase/write cycles (cycle)
Data hold time (year)
Remarks
1,000
20*
10,000
10*
*: At average + 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com