Electronic Components Datasheet Search
  English  ▼

X  

MB9B320M Datasheet(PDF) 107 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 107 Page - SPANSION

Back Button MB9B320M Datasheet HTML 103Page - SPANSION MB9B320M Datasheet HTML 104Page - SPANSION MB9B320M Datasheet HTML 105Page - SPANSION MB9B320M Datasheet HTML 106Page - SPANSION MB9B320M Datasheet HTML 107Page - SPANSION MB9B320M Datasheet HTML 108Page - SPANSION MB9B320M Datasheet HTML 109Page - SPANSION MB9B320M Datasheet HTML 110Page - SPANSION MB9B320M Datasheet HTML 111Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 113 page
background image
DataS h eet
104
MB9B320M_DS706-00049-3v0-E, March 10, 2015
CONFIDENTIAL
48-pin plastic LQFP
Lead pitch
0.50 mm
Package width ×
package length
7.00 mm × 7.00 mm
Lead shape
Gullwing
Lead bend
direction
Normal bend
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.17 g
48-pin plastic LQFP
(FPT-48P-M49)
(FPT-48P-M49)
C
2010 FUJITSU SEMICONDUCTOR LIMITED HMbF48-49Sc-1-2
24
13
36
25
48
37
INDEX
*7.00± 0.10(.276 ± .004)SQ
9.00 ± 0.20(.354 ± .008)SQ
0.145± 0.055
(.006 ± .002)
0.08(.003)
"A"
0°~8°
.059–.004
+.008
–0.10
+0.20
1.50
0.60 ± 0.15
(.024 ± .006)
0.10 ± 0.10
(.004 ± .004)
(Stand off)
0.25(.010)
Details of "A" part
1
12
0.08(.003) M
(.008 ± .002)
0.22 ± 0.05
0.50(.020)
(Mounting height)
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com