Electronic Components Datasheet Search
  English  ▼

X  

TAS5733L Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5733L
Description  Digital Input Audio Power Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5733L Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5733L Datasheet HTML 17Page - Texas Instruments TAS5733L Datasheet HTML 18Page - Texas Instruments TAS5733L Datasheet HTML 19Page - Texas Instruments TAS5733L Datasheet HTML 20Page - Texas Instruments TAS5733L Datasheet HTML 21Page - Texas Instruments TAS5733L Datasheet HTML 22Page - Texas Instruments TAS5733L Datasheet HTML 23Page - Texas Instruments TAS5733L Datasheet HTML 24Page - Texas Instruments TAS5733L Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
21
TAS5733L
www.ti.com
SLASE77A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TAS5733L
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Programming (continued)
No limit exists for the number of bytes that can be transmitted between start and stop conditions. When the last
word transfers, the master generates a stop condition to release the bus. A generic data transfer sequence is
shown in Figure 32.
The 7-bit address for the TAS5733L device is 0101 010 (0x54) or 0101 011 (0x56) as defined by ADR/FAULT
(external pulldown for 0x54 and pullup for 0x56).
7.6.1.2 I²C Slave Address
The ADR/FAULT is an input pin during power-up and after each toggle of RST, which is used to set the I²C sub-
address of the device. The ADR/FAULT can also operate as a fault output after power-up is complete and the
address has been latched in.
At power-up, and after each toggle of RST, the pin is read to determine its voltage level. If the pin is left floating,
an internal pull-up will set the I²C sub-address to 0x56. This will also be the case if an external resistor is used to
pull the pin up to AVDD. To set the sub-address to 0x54, an external resistor (specified in Typical Applications )
must be connected to the system ground.
As mentioned, the pin can also be reconfigured as an output driver via I²C for fault monitoring. Use System
Control Register 2 (0x05) to set ADR/FAULT pin to be used as a fault output during fault conditions.
I²C Device Address Change Procedure
1. Write to device address change enable register, 0xF8 with a value of 0xF9A5 A5A5.
2. Write to device register 0xF9 with a value of 0x0000 00XX, where XX is the new address.
3. Any writes after that should use the new device address XX.
7.6.1.3 Single- and Multiple-Byte Transfers
The serial control interface supports both single-byte and multiple-byte read/write operations for subaddresses
0x00 to 0x1F. However, for the subaddresses 0x20 to 0xFF, the serial control interface supports only multiple-
byte read/write operations (in multiples of 4 bytes).
During multiple-byte read operations, the DAP responds with data, a byte at a time, starting at the subaddress
assigned, as long as the master device continues to respond with acknowledges. If a particular subaddress does
not contain 32 bits, the unused bits are read as logic 0.
During multiple-byte write operations, the DAP compares the number of bytes transmitted to the number of bytes
that are required for each specific subaddress. For example, if a write command is received for a biquad
subaddress, the DAP must receive five 32-bit words. If fewer than five 32-bit data words have been received
when a stop command (or another start command) is received, the received data is discarded.
Supplying a subaddress for each subaddress transaction is referred to as random I²C addressing. The
TAS5733L device also supports sequential I²C addressing. For write transactions, if a subaddress is issued
followed by data for that subaddress and the 15 subaddresses that follow, a sequential I²C write transaction has
taken place, and the data for all 16 subaddresses is successfully received by the TAS5733L device. For I²C
sequential-write transactions, the subaddress then serves as the start address, and the amount of data
subsequently transmitted before a stop or start is transmitted determines how many subaddresses are written.
As was true for random addressing, sequential addressing requires that a complete set of data be transmitted. If
only a partial set of data is written to the last subaddress, the data for the last subaddress is discarded. However,
all other data written is accepted; only the incomplete data is discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com