Electronic Components Datasheet Search
  English  ▼

X  

TAS5733L Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5733L
Description  Digital Input Audio Power Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5733L Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5733L Datasheet HTML 9Page - Texas Instruments TAS5733L Datasheet HTML 10Page - Texas Instruments TAS5733L Datasheet HTML 11Page - Texas Instruments TAS5733L Datasheet HTML 12Page - Texas Instruments TAS5733L Datasheet HTML 13Page - Texas Instruments TAS5733L Datasheet HTML 14Page - Texas Instruments TAS5733L Datasheet HTML 15Page - Texas Instruments TAS5733L Datasheet HTML 16Page - Texas Instruments TAS5733L Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Output Power (W)
0.001
0.01
0.1
1
10
50
0.01
0.1
1
10
20
20
D017
20 Hz
1 kHz
7 kHz
Output Power (W)
0.002
0.01
0.1
1
10
60
60
0.02
0.1
1
10
20
20
D018
20 Hz
1 kHz
7 kHz
Frequency (Hz)
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
D015
1 W
2.5 W
5 W
Output Power (W)
0.001
0.01
0.1
1
10
50
0.01
0.1
1
10
20
20
D016
20 Hz
1 kHz
7 kHz
Frequency (Hz)
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
D013
1 W
2.5 W
5 W
Frequency (Hz)
0.001
0.01
0.1
1
5
5
20
100
1k
10k
20k
D014
1 W
2.5 W
5 W
13
TAS5733L
www.ti.com
SLASE77A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TAS5733L
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.12 Typical Characteristics - Mono PBTL Mode
PVDD = 12 V
RL = 4 Ω
Figure 17. THD+N vs Frequency - PBTL
PVDD = 12 V
RL = 3 Ω
Figure 18. THD+N vs Frequency - PBTL
PVDD = 12 V
RL = 2 Ω
Figure 19. THD+N vs Frequency - PBTL
PVDD = 12 V
RL = 4 Ω
Figure 20. THD+N vs Output Power - PBTL
PVDD = 12 V
RL = 3 Ω
Figure 21. THD+N vs Output Power - PBTL
PVDD = 12 V
RL = 2 Ω
Figure 22. THD+N vs Output Power - PBTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com