Electronic Components Datasheet Search
  English  ▼

X  

TAS5720L Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5720L
Description  Digital Input Mono Class-D Audio Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5720L Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5720L Datasheet HTML 9Page - Texas Instruments TAS5720L Datasheet HTML 10Page - Texas Instruments TAS5720L Datasheet HTML 11Page - Texas Instruments TAS5720L Datasheet HTML 12Page - Texas Instruments TAS5720L Datasheet HTML 13Page - Texas Instruments TAS5720L Datasheet HTML 14Page - Texas Instruments TAS5720L Datasheet HTML 15Page - Texas Instruments TAS5720L Datasheet HTML 16Page - Texas Instruments TAS5720L Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Output Power (W)
0.01
0.1
1
10
0.005
0.01
0.1
1
10
D012
Rspk = 4 :
Rspk = 8 :
Output Power (W)
0.01
0.1
1
10
0.005
0.01
0.1
1
10
D013
Rspk = 4 :
Rspk = 8 :
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D010
Rspk = 4 :
Rspk = 8 :
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D011
Rspk = 4 :
Rspk = 8 :
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D008
Rspk = 4 :
Rspk = 8 :
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D009
Rspk = 4 :
Rspk = 8 :
13
TAS5720L, TAS5720M
www.ti.com
SLOS903B – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: TAS5720L TAS5720M
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25ºC, V(PVDD) = 15 V, V(DVDD) = 3.3 V, RL = 4 Ω, fIN = 1 kHz, fs = 48 kHz, f(PWM) = 768 kHz, Gain = 20.7 dBV, SDZ = 1,
Measured with an Audio Precision SYS-2722 High-Performance Audio Analyzer and using a 15-µH, 0.68-µF reconstruction
filter at the device output.
V(PVDD) = 19 V
POUT = 1 W
f(PWM) = 384 kHz
Figure 11. THD+N vs Frequency
V(PVDD) = 19 V
POUT = 1 W
Figure 12. THD+N vs Frequency
V(PVDD) = 24 V
POUT = 1 W
f(PWM) = 384 kHz
Figure 13. THD+N vs Frequency
V(PVDD) = 24 V
POUT = 1 W
Figure 14. THD+N vs Frequency
V(PVDD) = 7.2 V
f(PWM) = 384 kHz
Figure 15. THD+N vs Output Power
V(PVDD) = 7.2 V
Figure 16. THD+N vs Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com