Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MGE Datasheet(PDF) 73 Page - SPANSION

Part # MB9DF564MGE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MGE Datasheet(HTML) 73 Page - SPANSION

Back Button MB9DF564MGE Datasheet HTML 69Page - SPANSION MB9DF564MGE Datasheet HTML 70Page - SPANSION MB9DF564MGE Datasheet HTML 71Page - SPANSION MB9DF564MGE Datasheet HTML 72Page - SPANSION MB9DF564MGE Datasheet HTML 73Page - SPANSION MB9DF564MGE Datasheet HTML 74Page - SPANSION MB9DF564MGE Datasheet HTML 75Page - SPANSION MB9DF564MGE Datasheet HTML 76Page - SPANSION MB9DF564MGE Datasheet HTML 77Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
D at aS he e t
72
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
AC characteristics are specified by the following measurement reference voltage values.
Input signal waveform
Output signal waveform
Hysteresis input pin (Automotive)
0.5Vcc
0.8Vcc
Output pin
0.8V
2.4V
Hysteresis input pin (CMOS schmitt)
0.3Vcc
0.7Vcc
Hysteresis input pin (FlexRay)
0.3Vcc
0.7Vcc
Hysteresis input pin (TTL)
0.8V
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com