Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MGE Datasheet(PDF) 25 Page - SPANSION

Part # MB9DF564MGE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MGE Datasheet(HTML) 25 Page - SPANSION

Back Button MB9DF564MGE Datasheet HTML 21Page - SPANSION MB9DF564MGE Datasheet HTML 22Page - SPANSION MB9DF564MGE Datasheet HTML 23Page - SPANSION MB9DF564MGE Datasheet HTML 24Page - SPANSION MB9DF564MGE Datasheet HTML 25Page - SPANSION MB9DF564MGE Datasheet HTML 26Page - SPANSION MB9DF564MGE Datasheet HTML 27Page - SPANSION MB9DF564MGE Datasheet HTML 28Page - SPANSION MB9DF564MGE Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
D at aS he e t
24
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
Pin Number
Pin Name
I/O Circuit
Type
Functions
208 pin 176 pin
2
54
68
103
155
172
193
2
56
87
131
144
165
VCC12
-
1.2V power supply
12
52
105
144
157
208
44
89
133
176
VCC5
-
5.0V power supply
1
13
53
69
83
104
143
156
171
194
1
45
57
71
88
132
143
166
VSS
-
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com