Electronic Components Datasheet Search
  English  ▼

X  

MB9DF565MAE Datasheet(PDF) 56 Page - SPANSION

Part # MB9DF565MAE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF565MAE Datasheet(HTML) 56 Page - SPANSION

Back Button MB9DF565MAE Datasheet HTML 52Page - SPANSION MB9DF565MAE Datasheet HTML 53Page - SPANSION MB9DF565MAE Datasheet HTML 54Page - SPANSION MB9DF565MAE Datasheet HTML 55Page - SPANSION MB9DF565MAE Datasheet HTML 56Page - SPANSION MB9DF565MAE Datasheet HTML 57Page - SPANSION MB9DF565MAE Datasheet HTML 58Page - SPANSION MB9DF565MAE Datasheet HTML 59Page - SPANSION MB9DF565MAE Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
55
CONFIDENTIAL
Pin Statuses (2/2)
*1: Power-on reset, internal power supply low-voltage detection and NMIX + RSTX pin are factors.
*2: External power supply low-voltage detection and external reset are factors.
*3: Software reset and software/hardware watchdog reset are factors.
*4: When external interrupt is valid, input blocked is invalid.
*5: When I/O is initialized, "L" is output.
*6: Operation is continued according to the peripheral function.
*7: If GPORTEN bit is 0 and CPORTEN bit is 1, input is enabled.
*8: When clock monitor output pin (MONCLK) is selected, pin state becomes high impedance.
External
factor
generation
in progress
208
pin
176
pin
110
91
MAG_OUT1
Analog output
111
92
MAG_PLUS1
112
93
MAG_MINUS1
113
94
RDC_ACT1/P126
L*5
L
H/L
L*5
L*5
L
H/L
L
H/L
H/L
L
L
L
L
119
100 COS_OUT1
Analog output
120
101 COS_MINUS1
121
102 COS_PLUS1
122
103 SIN_PLUS1
123
104 SIN_MINUS1
124
105 SIN_OUT1
Analog output
125
106 COS_IN1
126
107 SIN_IN1
127
108 AREF21
Analog output
128
109 P116/RDC_A1/AIN3
129
110 P115/RDC_B1/BIN3
130
111 P114/RDC_Z1/ZIN3
131
112 P113/RDC_U1/AIN2
132
113 P112/RDC_V1/BIN2
133
114 P111/RDC_W1/ZIN2
139
120 P110/4AN7
140
121 P109/4AN6
141
122 P108/4AN5
142
123 P107/4AN4
145
124 P106/RTO11
146
125 P105/RTO10
147
126 P104/RTO9
148
127 P103/RTO8
149
128 P102/RTO7
150
129 P101/RTO6
151
130 P100/DTTI1/4ADTG1
152
-
P421/SIN3/INT6/FRCK8
Hi-Z/
Last status
retained
Hi-Z/Input
blocked
Last status
retained*6
Last status
retained
Hi-Z/Input
blocked*4
Last status
retained
Hi-Z/Input
blocked*4
153
-
P422/SOT3/FRCK9/IN13
154
-
P423/SCK3/FRCK10/IN14
158
-
P425/TIOA8
159
-
P426/TIOB8
160
-
P427/TIOA9
161
-
P428/TIOB9
162
134 P429/MONCLK/MM
Hi-Z/
Last status
retained
Hi-Z/Input
blocked
Last status
retained*6
Last status
retained*8
Hi-Z/Input
blocked
Last status
retained*8
Hi-Z/Input
blocked
163
135 AN0/P200
164
136 AN1/P201
165
137 AN2/P202
166
138 AN3/P203
167
139 AN4/P204
168
140 AN5/P205
169
141 AN6/P206
170
142 AN7/P207
173
145 AN8/P208
174
146 AN9/P209
175
147 AN10/P210
176
148 AN11/P211
177
149 AN12/P212
178
150 AN13/P213
179
151 AN14/P214
180
152 AN15/P215
185
157 AN16/P216
186
158 AN17/P217
187
159 AN18/P218
188
160 AN19/P219
189
161 AN20/P220/TIOA6
190
162 AN21/P221/TIOB6
191
163 AN22/P222/TIOA7
192
164 AN23/P223/TIOB7
195
167 AN24/P224
196
168 AN25/P225/SIN4/INT7
Hi-Z/Last
status
retained
Hi-Z/Input
blocked
Last status
retained*6
Last status
retained
Hi-Z/Input
blocked*4
Last status
retained
Hi-Z/Input
blocked*4
197
169 AN26/P226/SOT4/IN0
198
170 AN27/P227/SCK4/IN1
199
171 AN28/P228/SCS40/IN2
200
172 AN29/P229/SCS41/IN3
201
173 AN30/P230/SCS42/IN4
202
174 AN31/P231/SCS43/IN5
203
175 P300/ADTG0
204
-
P301/TIOA10/FRCK4
205
-
P302/TIOB10/FRCK5
206
-
P303/TIOA11/FRCK6
207
-
P304/TIOB11/FRCK7
Hi-Z/Input blocked
Hi-Z/Input
blocked
Hi-Z/Input
blocked
Hi-Z/Input
blocked
Hi-Z/Input
blocked
Hi-Z/Input blocked
Hi-Z/Input blocked
Hi-Z/Input blocked
Hi-Z/Input blocked
Last status
retained
Hi-Z/Input blocked
Hi-Z/Input
blocked
Last status
retained*6
Last status
retained*6
Hi-Z/Input
blocked
Last status
retained
Hi-Z/Last
status
retained
Hi-Z/Input
blocked
Hi-Z/Last
status
retained
Hi-Z/Input blocked
Hi-Z/Input blocked
Analog output
Hi-Z/Input blocked
Analog output
Analog input
Hi-Z/Input
blocked
Last status
retained
Last status
retained
Analog output
Analog output
Analog input
-
Hi-Z/Input
blocked
Last status
retained*6
Hi-Z/
Last status
retained
Hi-Z/Input
blocked
Hi-Z/Input blocked
Analog input
Analog output
Analog input
Analog input
Analog input
Analog output
Analog input
Analog input
Analog input
Analog output
Analog output
Analog input
Analog output
Analog output
Analog output
Analog output
Analog input
Analog output
Analog output
Analog output
Analog input
Sleep Mode
Stop mode
Hi-Z/Input
blocked
Hi-Z/Input
blocked
Hi-Z/Input
blocked
Hi-Z/Input
blocked
Analog output
Analog output
Analog input
Analog output
Pin Name
External reset
factor*1
External reset
factor*2
Internal reset
factor*3
After external
factor
releasing
External factor
generation
in progress
After
external
factor
releasing
Pin No.
Hi-Z/Input
blocked
Hi-Z/Input blocked
Hi-Z/Input blocked
Last status
retained
Last status
retained
Last status
retained
Last status
retained
Hi-Z/Input blocked
Hi-Z/
Last status
retained
Hi-Z/Input
blocked
Hi-Z/Input
blocked
Hi-Z/Input blocked
Hi-Z/Input
blocked
Last status
retained*6
Watch mode
Analog input
Analog input
Hi-Z/Input
blocked
Analog input
Analog output
Analog output
Analog input
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com