Electronic Components Datasheet Search
  English  ▼

X  

MB9DF565MAE Datasheet(PDF) 7 Page - SPANSION

Part # MB9DF565MAE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF565MAE Datasheet(HTML) 7 Page - SPANSION

Back Button MB9DF565MAE Datasheet HTML 3Page - SPANSION MB9DF565MAE Datasheet HTML 4Page - SPANSION MB9DF565MAE Datasheet HTML 5Page - SPANSION MB9DF565MAE Datasheet HTML 6Page - SPANSION MB9DF565MAE Datasheet HTML 7Page - SPANSION MB9DF565MAE Datasheet HTML 8Page - SPANSION MB9DF565MAE Datasheet HTML 9Page - SPANSION MB9DF565MAE Datasheet HTML 10Page - SPANSION MB9DF565MAE Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
D at aS he e t
6
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
Function
Description
Reset control
−
Reset level
Hardware reset (system initialization)
Software reset (programing initialization)
−
Reset factor (Hardware reset )
Power-on reset (PONR), external reset input (RSTX, NMIX+RSTX), clock stop waiting with time-out reset,
low-voltage detection reset (internal low-voltage detection reset, 5V external low-voltage detection reset ),
watchdog reset (hardware watchdog reset, software watchdog reset ), clock supervisor reset (main clock
monitor, PLL clock monitor), software trigger hardware reset , profile error reset
−
Reset factor (software reset )
Software reset
Low power consumption control
−
Device state
RUN (Run State, CPU is operation status)
PSS (Power Saving State, CPU wait event from WFI)
−
Setting parameter of each devise state
Clock (clock source enable, clock source selection, clock divider, clock domain enable)
Clock monitor
Low-voltage detection
Memory protection unit (MPU)
−
Memory protection as master except processor
−
Target master
DMA controller
−
8 area
−
NMI generation when violation detection
Timing protection unit (TPU)
−
TPU 1 unit as CPU 1 unit
−
24-bit timer x 8 channels per unit
−
Support execution time protection, locking time protection, inter-arrival time protection, deadline protection
−
Support normal mode and over flow mode
−
Prescaler of each channels
Timer clock divider (1/1 to 1/64)
−
Independent prescaler of each channels
Timer clock divider (1/1, 1/2, 1/4, 1/16)
Clock supervisor (CSV)
−
Monitor target clock
Main oscillation input , main PLL output
−
Monitor method
Monitor of frequency range
−
Operation after error detection
Reset or NMI
Watchdog timer (WDT)
−
Watchdog timer embedded
Hardware watchdog timer
Software watchdog timer
−
Hardware watchdog timer
1 unit per system
32-bit watchdog timer with window function
Clock source: fast-CR or slow-CR
Set by boot program (BootROM maker)
Not set by user program
−
Software watchdog timer
1 unit per CPU
32-bit watchdog timer with window function
Clock source: fast-CR, slow-CR, main clock
One time set on user program (not set again)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com