Electronic Components Datasheet Search
  English  ▼

X  

MB9DF566MLE Datasheet(PDF) 57 Page - SPANSION

Part # MB9DF566MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF566MLE Datasheet(HTML) 57 Page - SPANSION

Back Button MB9DF566MLE Datasheet HTML 53Page - SPANSION MB9DF566MLE Datasheet HTML 54Page - SPANSION MB9DF566MLE Datasheet HTML 55Page - SPANSION MB9DF566MLE Datasheet HTML 56Page - SPANSION MB9DF566MLE Datasheet HTML 57Page - SPANSION MB9DF566MLE Datasheet HTML 58Page - SPANSION MB9DF566MLE Datasheet HTML 59Page - SPANSION MB9DF566MLE Datasheet HTML 60Page - SPANSION MB9DF566MLE Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
D at aS he e t
56
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
13.Electrical Characteristics
13.1 Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1, *2
VCC
VSS-0.3
VSS+6.0
V
Analog power supply voltage*1, *2
VDD
VSS-0.3
VSS+1.8
V
Analog reference voltage*1
AVCC
VSS-0.3
VSS+6.0
V
AVCC≤VCC
Input voltage*1
RVCC
VSS-0.3
VSS+6.0
V
RVCC≤VCC
Analog pin input voltage*1
AVRH
VSS-0.3
VSS+6.0
V
AVRH≤AVCC
RVRH
VSS-0.3
VSS+6.0
V
RVRH≤RVCC
Input voltage*1
VI
VSS-0.3
VCC+0.3
V
Analog pin input voltage*1
VIA
VSS-0.3
VCC+0.3
V
Output voltage*1
VO
VSS-0.3
VCC+0.3
V
Max clamp current
ICLAMP
-
4
mA
*8
Max total clamp current
Σ
|ICLAMP|
-
20
mA
*8
"L" level Max output current*3
IOL1
-
3.5
mA
When setting to 1 mA*6
IOL2
-
7
mA
When setting to 2 mA
IOL3
-
14
mA
When setting to 4 mA*7
"L" level average output current*4
IOLAV1
-
1
mA
When setting to 1 mA*6
IOLAV2
-
2
mA
When setting to 2 mA
IOLAV3
-
4
mA
When setting to 4 mA*7
"L" level total output current*5
Σ
IOL
-
40
mA
*6
"H" level Max output current*3
IOH1
-
-3.5
mA
When setting to 1 mA*6
IOH2
-
-7
mA
When setting to 2 mA
IOH3
-
-14
mA
When setting to 4 mA*7
"H" level average output current*4
IOHAV1
-
-1
mA
When setting to1 mA*6
IOHAV2
-
-2
mA
When setting to 2 mA
IOHAV3
-
-4
mA
When setting to 4 mA*7
"H" level total output current*5
Σ
IOH
-
-40
mA
*6
Power consumption
PD
-
1500
mW
Operating temperature
TA
-40
+125
°
C
*9
Storage temperature
Tstg
-55
+150
°
C
*1: These parameters are based on the condition that VSS=AVSS=0.0V.
*2: Caution must be taken that AVCC does not exceed VCC.
*3: The maximum output current is defined as the value of the peak current flowing through any one of the
corresponding pins.
*4: The average output current is defined as the value of the average current flowing through any one of the
corresponding pins for a 10 ms period. The average value is the operation current  the operation ratio.
*5: The total output current is defined as the maximum current value flowing through all of corresponding
pins.
*6: Corresponding pins: general-purpose ports
*7: Corresponding pins: general-purpose ports of P325 to P330
*8: Corresponding pins: all general-purpose ports and analog input pin
−
Use the devices within recommended operating conditions.
−
Use the devices with direct voltage (current).
−
The + B signal should always be applied by connecting a limiting resistor between the + B signal and
the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com