Electronic Components Datasheet Search
  English  ▼

X  

MB9DF566MLE Datasheet(PDF) 9 Page - SPANSION

Part # MB9DF566MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF566MLE Datasheet(HTML) 9 Page - SPANSION

Back Button MB9DF566MLE Datasheet HTML 5Page - SPANSION MB9DF566MLE Datasheet HTML 6Page - SPANSION MB9DF566MLE Datasheet HTML 7Page - SPANSION MB9DF566MLE Datasheet HTML 8Page - SPANSION MB9DF566MLE Datasheet HTML 9Page - SPANSION MB9DF566MLE Datasheet HTML 10Page - SPANSION MB9DF566MLE Datasheet HTML 11Page - SPANSION MB9DF566MLE Datasheet HTML 12Page - SPANSION MB9DF566MLE Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
D at aS he e t
8
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
Function
Description
External interrupt (EXT-IRQ)
−
Input
Normal interrupt (IRQ): 8 input
Non-maskable interrupt (NMI): 1 input
−
Detection method
H level , L level , rise edge, fall edge, both edge
Inter-processor communications unit
(IPCU)
−
Mailbox function
Data communication for CPU core communication by 8 Mailbox
Support of interrupt between CPU core
Exclusion access memory (EAM)
−
Small size memory to support exclusion control on exclusion access instruction
−
Use for semaphore
−
Size: 48 byte
Bit-band unit (BBU)
−
The bit operation of specified register bit on Bit band area, it is mapping 1 bit of bit band area to support bit
band alias area for 1 byte. The target of bit band access is specified register bit on I/O area
CRC
−
Output to register of CRC code according real time writing to input register
Base timer
−
16-bit timer
Any of four PWM/PPG/reload/PWC timer functions can be selected and used.
A 32-bit timer can be used in 2 channels of cascade mode as reload/PWC timer.
16-bit free-run timer (FRT)
−
16 bit up/down counter (2 channels for motor control only)
32-bit free-run timer
−
32 bit up/down counter
16-bit input capture (ICU)
−
Input capture
16-bit capture register that detects rise edge, Fall edge, both edge
Generate interrupt request after latch of counter number of 16 bit
Free-run timer with edge detection of pin input
32-bit input capture
−
Input capture
32-bit capture register that detects rise edge, fall edge, both edge
Generate interrupt request after latch of counter number of 32 bit
Free-run timer with edge detection of pin input
−
LIN sync break/sync field relation is following.
Input capture ch.0 → Multi-function serial interface ch.0
Input capture ch.1 → Multi-function serial interface ch.1
Input capture ch.2 → Multi-function serial interface ch.2
Input capture ch.3 → Multi-function serial interface ch.3
Input capture ch.4 → Multi-function serial interface ch.4
16-bit output compare (OCU)
−
Output interrupt signal when compare with 16-bit free-run timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com