Electronic Components Datasheet Search
  English  ▼

X  

MCP6N11 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6N11
Description  Rail-to-Rail Input and Output
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N11 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6N11 Datasheet HTML 9Page - Microchip Technology MCP6N11 Datasheet HTML 10Page - Microchip Technology MCP6N11 Datasheet HTML 11Page - Microchip Technology MCP6N11 Datasheet HTML 12Page - Microchip Technology MCP6N11 Datasheet HTML 13Page - Microchip Technology MCP6N11 Datasheet HTML 14Page - Microchip Technology MCP6N11 Datasheet HTML 15Page - Microchip Technology MCP6N11 Datasheet HTML 16Page - Microchip Technology MCP6N11 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
© 2011 Microchip Technology Inc.
DS25073A-page 13
MCP6N11
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 1.8V to 5.5V, VSS = GND, EN/CAL =VDD, VCM = VDD/2, VDM =0V,
VREF =VDD/2, VL =VDD/2, RL = 10 kΩ to VL, CL = 60 pF and GDM = GMIN; see Figure 1-6 and Figure 1-7.
2.1
DC Voltages and Currents
FIGURE 2-1:
Normalized Input Offset
Voltage, with GMIN = 1 to 10.
FIGURE 2-2:
Normalized Input Offset
Voltage, with GMIN = 100.
FIGURE 2-3:
Normalized Input Offset
Voltage Drift, with GMIN = 1 to 10.
FIGURE 2-4:
Normalized Input Offset
Voltage Drift, with GMIN = 100.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
30%
35%
330 Samples
T
A =
25%
30%
T
A
+25°C
V
DD = 1.8V and 5.5V
RTO
20%
G
MIN = 1
G
MIN =2to10
10%
15%
G
MIN =2to 10
5%
10%
0%
Normalized Input Offset Voltage; G
MINVOS (mV)
12%
14%
330 Samples
G
MIN = 100
10%
12%
MIN
T
A = +25°C
V
DD = 1.8V and 5.5V
RTO
8%
6%
2%
4%
0%
2%
Normalized Input Offset Voltage; G
MINVOS (mV)
25%
No V
OS Re-calibration
330 Samples
20%
p
G
MIN = 1 to 10
V
DD = 5.5V
RTO
15%
10%
5%
0%
Normalized Input Offset Voltage Drift;
G
MIN(VOS/TA) (μV/°C)
16%
18%
No V
OS Re-calibration
330 Samples
12%
14%
p
G
MIN = 100
V
DD = 5.5V
RTO
8%
10%
4%
6%
8%
0%
2%
4%
0%
Normalized Input Offset Voltage Drift;
G
MIN(VOS/TA) (μV/°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com