Electronic Components Datasheet Search
  English  ▼

X  

MCP6N11 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6N11
Description  Rail-to-Rail Input and Output
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N11 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6N11 Datasheet HTML 1Page - Microchip Technology MCP6N11 Datasheet HTML 2Page - Microchip Technology MCP6N11 Datasheet HTML 3Page - Microchip Technology MCP6N11 Datasheet HTML 4Page - Microchip Technology MCP6N11 Datasheet HTML 5Page - Microchip Technology MCP6N11 Datasheet HTML 6Page - Microchip Technology MCP6N11 Datasheet HTML 7Page - Microchip Technology MCP6N11 Datasheet HTML 8Page - Microchip Technology MCP6N11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
MCP6N11
DS25073A-page 2
© 2011 Microchip Technology Inc.
Minimum Gain Options
Table 1 shows key specifications that differentiate
between the different minimum gain (GMIN) options.
See
Section 1.0
“Electrical
Characteristics”,
Section 6.0 “Packaging Information” and Product
Identification System for further information on GMIN.
TABLE 1:
KEY DIFFERENTIATING SPECIFICATIONS
Part No.
GMIN
(V/V)
Nom.
VOS
(±mV)
Max.
∆VOS/∆TA
(±µV/°C)
Typ.
CMRR (dB)
Min.
VDD =5.5V
PSRR
(dB)
Min.
VDMH
(V)
Max.
GBWP
(MHz)
Nom.
Eni
(µVP-P)
Nom.
(f = 0.1 to 10 Hz)
eni
(nV/
√Hz)
Nom.
(f = 10 kHz)
MCP6N11-001
1
3.0
90
70
62
2.70
0.50
570
950
MCP6N11-002
2
2.0
45
78
68
1.35
1.0
285
475
MCP6N11-005
5
0.85
18
80
75
0.54
2.5
114
190
MCP6N11-010
10
0.50
9.0
81
81
0.27
5.0
57
95
MCP6N11-100
100
0.35
2.7
88
86
0.027
35
18
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com