Electronic Components Datasheet Search
  English  ▼

X  

DWM3750S Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DWM3750S
Description  Swivel/Tilt/Rotate Wall Mount for 37 to 50 TVs and Monitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWM3750S Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DWM3750S Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWM3750S Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DWM3750S Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Swivel/Tilt/Rotate Wall Mount for 37" to 50" TVs and
Monitors
MODEL NUMBER: DWM3750S
Description
The VESA-compliant DWM3750S Swivel/Tilt/Rotate Wall Mount allows you to mount your flat-panel television,
monitor or other display on the wall to free up valuable space on your desk, table or workstation. Ideal for home
theaters, offices, classrooms, boardrooms, hotels, bars and restaurants, it fits most flat-panel displays from 37 to
50 inches.
The full-motion articulating arm adjusts independently with just a touch for angle and height to give you
maximum flexibility in positioning your display to fit your environment and comfort level. A 180° swivel and -15°
to 15° tilt capability minimizes glare and provides comfortable viewing from multiple angles.
Durable all-metal frame with soft rubber-feel finish supports up to 44 pounds, tolerates frequent handling, and
blends with any décor. Mounts on wood or concrete block with the included hardware. Display cables tuck away
inside articulating arm to prevent clutter. Conforms to VESA-compliant displays with hole patterns of 75 x 75 mm,
100 x 100 mm, 200 x 200 mm and 400 x 400 mm.
Features
Mounts Your TV or Monitor to the Wall
Fits most flat-panel televisions, monitors and other displays from 37 to 50 in.
Ideal for home theaters, offices, classrooms, boardrooms, hotels, bars and restaurants
Full-motion articulating arm adjusts independently for angle and height
Mounting hardware included
Mounts on wood or concrete block
Convenient One-Touch Adjustment
180° swivel and -15° to 15° tilt capability provides comfortable viewing from multiple angles
Durable Metal Construction
Highlights
Fits most flat-panel displays from
37 to 50 in.
One-touch adjustment for easy
viewing from multiple angles
180° swivel and -15° to 15° tilt
capability
Durable metal construction
Supports up to 44 lb.
5 year warranty
Package Includes
Wallplate
Spring arm with VESA plate
Extension arm
(4) VESA plate adapters
Hex key, 3 mm
Hex key, 5 mm
(4) M4 x 12 mm screws
(4) M4 x 30 mm screws
(4) M5 x 12 mm screws
(4) M5 x 30 mm screws
(4) M6 x 12 mm screws
(4) M6 x 30 mm screws
(4) M8 x 16 mm screws
(4) M8 x 30 mm screws
(2) Tension screws
(8) M8 hex nuts
(4) Spacers
(3) Anchor bolts
(3) Concrete anchor
(2) Wallplate covers
(2) Decorative caps
Level
Owner’s manual
1 / 3


Similar Part No. - DWM3750S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
DWM3770X TRIPPLITE-DWM3770X Datasheet
520Kb / 2P
Full-Motion Wall Mount for 37 to 70 Flat-Screen Displays
DWM3780ROT TRIPPLITE-DWM3780ROT Datasheet
162Kb / 3P
Portrait/Landscape Rotating TV Wall Mount for 37??to 80??Curved or Flat-Screen Displays
More results

Similar Description - DWM3750S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWT1327S TRIPPLITE-DWT1327S Datasheet
523Kb / 2P
Tilt Wall-Mount for 13 to 27 Flat-Screen Displays
DWT2655XP TRIPPLITE-DWT2655XP Datasheet
519Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
DWT4585X TRIPPLITE-DWT4585X Datasheet
503Kb / 2P
Tilt Wall-Mount for 45 to 85 Flat-Screen Displays
DMR1024X2 TRIPPLITE-DMR1024X2 Datasheet
158Kb / 3P
Dual Flat-Panel Rail Wall Mount for 10??to 24??TVs and Monitors
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
DWT3780XUL TRIPPLITE-DWT3780XUL Datasheet
165Kb / 3P
Heavy-Duty Tilt Wall Mount for 37 to 80 and Monitors, Flat or Curved Screens, UL Certified
DWTPSC4555M TRIPPLITE-DWTPSC4555M Datasheet
168Kb / 3P
Heavy-Duty Tilt Security TV Wall Mount for 45-55 TVs & Monitors - Flat Screen, Portrait Mode
DWTSC3255MUL TRIPPLITE-DWTSC3255MUL Datasheet
161Kb / 3P
Heavy-Duty Tilt Security Wall Mount for 32 to 55 TVs and Monitors, Flat or Curved Screens, UL Certified
DWTSC3780MUL TRIPPLITE-DWTSC3780MUL Datasheet
160Kb / 3P
Heavy-Duty Tilt Security Wall Mount for 37 to 80 TVs and Monitors, Flat or Curved Screens, UL Certified
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com