Electronic Components Datasheet Search
  English  ▼

X  

DWM3750S Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DWM3750S
Description  Swivel/Tilt/Rotate Wall Mount for 37 to 50 TVs and Monitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWM3750S Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DWM3750S Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWM3750S Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DWM3750S Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Durable Metal Construction
Supports up to 44 lb.
Soft rubber-feel finish tolerates frequent handling and blends with any décor
Display cables tuck inside articulating arm to prevent clutter
VESA Compliance
Conforms with VESA-compliant universal mounting hole patterns
Specifications
PHYSICAL
Mounting Location
Wall
Unit Dimensions (hwd / in.)
6.57 x 2.71 x 24.88
Unit Dimensions (hwd / cm)
16.69 x 6.88 x 63.19
Unit Weight (lbs.)
11.09
Unit Weight (kg)
5.03
Material of Construction
Steel
Color
Black; Silver
Screen Size Compatibility (in.)
37 - 50
Screen Size Compatibility (cm)
94.0 - 127
VESA Pattern (mm)
75x75; 100x100; 200x200; 400x400
Motion
Full
Degrees of Motion
-15/+15 Tilt; 180 Swivel
Min/Max Arm Extension (in.)
2.7" - 24.9"
Min/Max Arm Extension (cm)
6.86 - 62.25
Distance from Wall (in.)
2.7-25.3
Maximum Weight Capacity (lbs.)
44
Maximum Weight Capacity (kg)
19.97
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
Yes
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com