Electronic Components Datasheet Search
  English  ▼

X  

PI2PCIE2214 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2214
Description  PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2214 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI2PCIE2214 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.pericom.com
03/26/14
Features
• 2 Differential Channel, 4:1 Mux/DeMux
• PCI Express® 2.0 performance, 5.0 Gbps
• Low Bit-to-Bit Skew, 7ps Max.
• Low Crosstalk: -23dB@3GHz
• Low Off Isolation: -23dB@3GHz
• VDD Operating Range: +1.8V ±10%
• ESD Tolerance 2kV HBM on data I/O
• Packaging (Pb-free & Green):
– 42 contact TQFN
Description
Pericom Semiconductor’s PI2PCIE2214 is a 8 to 2 differential
channel multiplexer/demultiplexer switch. Due to its low bit-
to-bit skew, high channel-to-channel noise isolation and high
bandwidth, this product is ideal for PCI Express® switching to
5.0 Gbps.
Application
Switch a PCI Express® lane output between four PCI Express
lane inputs
Block Diagram
Pin Description
A0-
A0+
A1-
A1+
B0-
B0+
B1-
B1+
C0-
C0+
C1-
C1+
D0-
D0+
D1-
D1+
Z0-
Z0+
Z1-
Z1+
DECODE
SB
SA
SD
SC
SEL0
SEL1
SA
SB
SC
SD
Truth Table
SEL1
SEL0
FUNCTION
0
0
Z to A
0
1
Z to B
1
0
Z to C
1
1
Z to D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
42 41 40 39
18 19 20 21
A0+
A0-
A1+
A1-
B0+
B0-
B1+
B1-
VDD
C0+
C0-
C1+
C1-
D0+
D0-
D1+
D1-
GND
SEL0
SEL1
VDD
GND
GND
Z0+
Z0-
VDD
Z1+
Z1-
GND
GND
VDD
GND
GND
GND
VSS
PI2PCIE2214
PCI Express® 2.0, 1-lane, 4:1 Mux/DeMux Switch
14-0033


Similar Part No. - PI2PCIE2214

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2212 PERICOM-PI2PCIE2212 Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
More results

Similar Description - PI2PCIE2214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
PCI Express 2.0, 2-lane Exchange Switch
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com