Electronic Components Datasheet Search
  English  ▼

X  

PI2PCIE2214 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2214
Description  PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2214 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2PCIE2214 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PI2PCIE2214
PCI Express® 2.0, 1-lane, 4:1 Mux/DeMux Switch
DC Electrical Characteristics for Switching over Operating Range
(TA = –40°C to +85°C, VDD = 1.8V ±10%)
Parameter
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
0.65 x VDD
-
-
V
VIL
Input LOW Voltage
Guaranteed LOW level
-
-
0.35 x VDD
VIK
Clamp Diode Voltage
VDD = Max., IIN = –18mA
-
-0.7
-1.2
IIH
Input HIGH Current
VDD = Max., VIN = VDD
-
-
±5
μA
IIL
Input LOW Current
VDD = Max., VIN = GND
-
-
±5
www.pericom.com
03/26/14
Storage Temperature ......................................... –65°C to +150°C
Supply Voltage to Ground Potential ....................–0.5V to +2.5V
DC Input Voltage ................................................. –0.5V to +VDD
DC Output Current ........................................................... 120mA
Power Dissipation ................................................................ 0.5W
Note: Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
IDD
Quiescent Power Supply Current
VDD = Max., VIN = GND or VDD
300
µA
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VDD = 1.8V, TA = 25°C ambient and maximum loading.
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
Switching Characteristics (TA= -40º to +85ºC, VDD = 1.8V ±10%)
Parameter
Description
Min.
Typ.(2)
Max.
Units
tPZH, tPZL Line Enable Time - SEL to AN, BN
0.5
-
8.0
ns
tPHZ, tPLZ Line Disable Time - SEL to AN, BN
0.5
-
10
tb-b
Bit-to-bit skew within the same differential pair
7
ps
tch-ch
Channel-to-channel skew
35
ps
Dynamic Electrical Characteristics Over the Operating Range
(TA= -40º to +85ºC, VDD = 1.8V ±10%)
Parameter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
f = 2.5 GHz
-40
dB
OIRR
OFF Isolation
f = 2.5 GHz
-25
dB
ILOSS
Differential Insertion Loss
f= 2.5 GHz
-3.0
dB
BW
Bandwidth -3dB
2.6
GHz
Notes:
1.
Guaranteed by design.
2.
Typical values are at VDD = 1.8V, TA = 25°C ambient and maximum loading.
14-0033



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com