Electronic Components Datasheet Search
  English  ▼

X  

PI3PCIE2215 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3PCIE2215
Description  3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE2215 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3PCIE2215 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PI3PCIE2215
3.3V, PCI Express®, 1-Lane,
2:1 Mux/DeMux Switch
PS9069
08/03/09
Signal Descriptions
Pin Number
Pin Name
Type
Description
1
2
AI+
AI-
Differential input
Differential input pair from PCIE signal source. Signal is
passed through to the AOa+, AOa- pin respectively when
SEL=0. Signal is passed through to the AOb+, AOb- pin
respectively when SEL = 1.
23
22
AOa+
AOa-
Differential pass-through
input
Differential analog pass-through output. Signal from AI+
and AI- is passed through AOa+ and AOa- respectively
when SEL=0.
3
4
AOb+
AOb-
Differential pass-through
input
Differential analog pass-through output. Signal from AI+
and AI- is passed through AOa+ and AOa- respectively
when SEL=1.
5
6
BI+
BI-
Differential input
Differential input pair from PCIE signal source. Signal is
passed through to the BOa+, BOa- pin respectively when
SEL=0. Signal is passed through to the BOb+, BOb- pin
respectively when SEL = 1.
19
18
BOa+
BOa-
Differential pass-through
input
Differential analog pass-through output. Signal from BI+
and BI- is passed through BOa+ and BOa- respectively
when SEL=0.
7
8
BOb+
BOb-
Differential pass-through
input
Differential analog pass-through output. Signal from BI+
and BI- is passed through BOb+ and BOb- respectively
when SEL=1.
11, 13, 15, 21, 24,
26, 28,
(center pad)
GND
Ground input
Ground
10
NC
-
No Connect - Reserved, do not connect
16
SEL
3.6V tolerant low-voltage
single-ended input
SEL controls the mux through a flow-through latch.
9, 12, 14, 17, 20,
25, 27
VDD
Power supply
Power, 3.3V ±10%
09-0033



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com