Electronic Components Datasheet Search
  English  ▼

X  

PI3PCIE2215 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3PCIE2215
Description  3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE2215 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3PCIE2215 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PI3PCIE2215
3.3V, PCI Express®, 1-Lane,
2:1 Mux/DeMux Switch
PS9069
08/03/09
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
3.3V Power Supply
3.0
3.3
3.6
V
IDD
Total current from VDD
3.3V supply
0
2.5
mA
TCASE
Case temperature range
for operation within spec.
-40
85
Celsius
Electrical Characteristics
Storage Temperature ....................................................–65°C to +150°C
Supply Voltage to Ground Potential ................................–0.5V to +4.6V
DC Input Voltage .............................................................. –0.5V to VDD
DC Output Current .......................................................................120mA
Power Dissipation ........................................................................... 0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics (TA = –40°C to +85°C, VDD = 3.3V ± 10%)
Parameter
Description
Test Conditions
Min
Typ(1)
Max
Units
VIH-SEL(2)
Input high level, SEL input
2.0
3.6
V
VIL-SEL(2)
Input Low Level, SEL
input
0
0.8
V
IIN_SEL(2)
Input Leakage Current,
SEL input
Measured with input at VIH-SEL max and
VIL-SEL min
–10
10
μA
RON
On Resistance
VDD = Min., VIN = 1.3V, IIN = 40mA
12
Ohm
CON
On Channel Capacitance
VIN = 0, VDD = 3.3V
2.0
pF
Note:
1.
Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Dynamic Electrical Characteristics for xI±, xOy±
Parameter
Description
Test Conditions
Min.
Typ.(1)
Max.
Units
DDIL
Differential Insertion Loss
f=1.2GHz
f=2.5GHz
f=5.0GHz
f=7.5GHz
-1.5
-2.0
-5.0
-9.0
dB
DDILOFF
Differential Off Isolation
f= 0 to 3.0GHz
-20.0
DDRL
Differential Return Loss
f= 0 to 2.8GHz
f= 2.8 to 5.0GHz
f= 5.0 to 7.5GHz
-14.0
-8.0
-4.0
DDNEXT
Near End Crosstalk
f= 0 to 2.5GHz
f= 2.5 to 5.0GHz
f= 5.0 to 7.5GHz
-32.0
-26.0
-20.0
09-0033



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com