Electronic Components Datasheet Search
  English  ▼

X  

MB05S Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # MB05S
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

MB05S Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  MB05S Datasheet HTML 1Page - Olitech Electronics Co.Ltd MB05S Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB2S THRU MB10S
Single Phase 0.8 AMPS.
Silicon Bridge Rectifiers
VoltageRange 200to 1000Volts
Features
• Ideal for printed circuit board
• Reliable low cost construction technique
results in inexpensive product
• High temperature soldering guaranteed:
260℃ / 10 seconds / 0.375
” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Mechanical Data
• Case: Molded plastic
• Lead: solder plated
• Polarity: As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
MB2S
MB4S
MB6S
MB8S
MB10S
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
I(AV)
0.5
0.8
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage @ 0.5A
VF
1.0
V
Maximum DC Reverse Current @ TA=25℃
rated DC blocking voltage per leg TA = 125℃
IR
5.0
500
μA
Typical Thermal Resistance (Note1)
(Note2)
RθJA
RθJL
70
20
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
NOTE:1.On aluminum suvstrate P.C.B. with an area of 0.8×0.8”(20×20mm) mounted on 0.05×0.05”(1.3×1.3mm) solder pad.
2.On glass epoxy P.C.B. mouted on 0.05×0.05
”(1.3×1.3mm) pads.
Weight:0.115 grams
Dimensions in inches and (millimeters)
.157(4.00)
.142(3.60)
.276(7.0)
MAX
.102(2.60)
.087(2.20)
.193(4.90)
.177(4.50)
.033(0.84)
.022(0.56)
.014(0.35)
.006(0.15)
.083(2.12)
.043(1.10)
.008(0.20)
MAX
.106(2.70)
.090(2.30)
.118(3.0)
MAX
.043(1.10)
.028(0.70)
.053(1.53)
.037(0.95)
.053(1.53)
.037(0.95)
MBS
5。
.208(5.30)
.205(5.20)
.062(1.60)
.054(1.40)
Typical junction capacitance per leg at 4.0V.1MHz
CJ
13.0
pF
13
pF
~
-
~
+
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P1
OLITECH ELECTRONICS CO. LTD.


Similar Part No. - MB05S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB05S MCC-MB05S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB05S PFS-MB05S Datasheet
181Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB05S BILIN-MB05S Datasheet
166Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
MB05S GXELECTRONICS-MB05S Datasheet
842Kb / 2P
Glass passivated chip junctions
More results

Similar Description - MB05S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com