Electronic Components Datasheet Search
  English  ▼

X  

MB05S Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

Part # MB05S
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

MB05S Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  MB05S Datasheet HTML 1Page - Olitech Electronics Co.Ltd MB05S Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES MB2S THRU MB10S
FIG.1- MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
10
0
40
30
20
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P2
OLITECH ELECTRONICS CO. LTD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com