Electronic Components Datasheet Search
  English  ▼

X  

MMBT2222 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBT2222
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT2222 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBT2222 Datasheet HTML 1Page - Diotec Semiconductor MMBT2222 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
20
1.1
2.9
±0.1
0.4
1
2
3
Type
Code
1.9
MMBT2222, MMBT2222A
Switching Transistors
NPN
Surface mount Si-Epitaxial PlanarTransistors
NPN
Si-Epitaxial PlanarTransistoren für die Oberflächenmontage
Version 2004-05-04
Power dissipation – Verlustleistung
250 mW
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
1 = B
2 = E
3 = C
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25°C)
Grenzwerte (T
A = 25°C)
MMBT2222
MMBT2222A
Collector-Emitter-voltage
B open
V
CE0
30 V
40 V
Collector-Base-voltage
E open
V
CB0
60 V
75 V
Emitter-Base-voltage
C open
V
EB0
5 V
6 V
Power dissipation – Verlustleistung
P
tot
250 mW
1)
Collector current – Kollektorstrom (dc)
I
C
600 mA
Junction temp. – Sperrschichttemperatur
T
j
150°C
Storage temperature – Lagerungstemperatur
T
S
- 65…+ 150°C
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektorreststrom
I
E = 0, VCB = 50 V
I
E = 0, VCB = 60 V
MMBT2222
MMBT2222A
I
CB0
I
CB0
–
–
–
–
10 nA
10 nA
I
E = 0, VCB = 50 V, Tj = 150°C
I
E = 0, VCB = 60 V, Tj = 150°C
MMBT2222
MMBT2222A
I
CB0
I
CB0
–
–
–
–
10 µA
10 µA
Emitter-Base cutoff current – Emitterreststrom
I
C = 0, VEB = 3 V
MMBT2222A
I
EB0
–
–
100 nA
Collector saturation voltage – Kollektor-Sättigungsspannung
1)
I
C = 150 mA, IB = 15 mA
MMBT2222
MMBT2222A
V
CEsat
V
CEsat
–
–
–
–
400 mV
300 mV
I
C = 500 mA, IB = 50 mA
MMBT2222
MMBT2222A
V
CEsat
V
CEsat
–
–
–
–
1.6 V
1 V


Similar Part No. - MMBT2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222 PHILIPS-MMBT2222 Datasheet
47Kb / 8P
NPN switching transistor
2000 Apr 11
logo
Samsung semiconductor
MMBT2222 SAMSUNG-MMBT2222 Datasheet
67Kb / 2P
NPN (GENERAL PURPOSE TRANSISTOR)
logo
Weitron Technology
MMBT2222 WEITRON-MMBT2222 Datasheet
367Kb / 6P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
MMBT2222 FAIRCHILD-MMBT2222 Datasheet
49Kb / 4P
NPN General Purpose Amplifier
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
100Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
More results

Similar Description - MMBT2222

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com