Electronic Components Datasheet Search
  English  ▼

X  

PI3V724 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI3V724
Description  1 to 2 VGA Demux
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V724 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI3V724 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
www.pericom.com
10/22/14
PI3V724
1 to 2 VGA Demux
Capacitance (TA = -40º to+85ºC, f = 1MHz)
Parameters(4)
Description
Test Conditions(1)
Typ.(2) Units
CIN
Input Capacitance
2.0
pF
COFF _COM
RGB Capacitance, Switch OFF
3.4
pF
COFF _P1P2
R1, G1, B1 or R2, G2, B2 switch off capaci-
tance
2.4
pF
CON_RGB
RGB Switch Capacitance, Switch ON B path
5.8
pF
CON_DDC
DDC Switch Capacitance, Switch ON
5.8
pF
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2) Max.
Units
ICC _ 3.3V rail
Quiescent Power Supply
Current for 3.3V power rail
VDD = 3.6V, 5V_VDD = 5.5V VSEL =
GND or VDD
-
250
500
µA
ICC_Vdd5_IN
Quiescent Power supply
current for 5VVDD
5V_VDD = 5.5V, VDD = 3.6V, VSEL=
GND or VDD
100
500
nA
Iccq_3.3V
Chip disabled
CE/ = HIGH
10
µA
Iccq_Vdd5_IN
Chip disabled
CE/ = HIGH
100
500
nA
Dynamic Electrical Characteristics Over the Operating Range
(TA=-40º to+85ºC,VDD=3.3V±10%, GND=0V)
Parameters Description
Test Conditions
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
f = 250MHz, See Fig. 2
-
-38
-
dB
OIRR
OFF Isolation
f = 250MHz, See Fig. 3
-
-46
-
dB
BW
Bandwidth –3dB
See Fig. 1
-
1.7
-
GHz
Freq = 10MHz (VGA)
-1.77
dB
ILOSS
Insertion Loss for
RGB path
with 75-Ohm load
Freq = 100MHz (XGA)
-1.88
dB
Freq = 300MHz
(UXGA)
-2.09
dB
Parameters Description
Min.
Typ.(2)
Max.
Units
tPD
Propagation Delay(2,3)
-
0.25
ns
tPZH, tPZL
Line Enable Time -SELto Input, Output
0.5
-
15
ns
tPHZ, tPLZ
Line Disable Time -SELto Input, Output
0.5
-
10
ns
tSK(p)
Skew between opposite transitions of the same output
(tPHL-tPLH) (2)
-
0.1
0.2
ns
Trise (H/V)
Horizontal/Vertical synchronous output rise time
(H1_out, V1_out)
1.5
ns
Tfall (H/V)
Horizontal/Vertical synchronous output fall time
(H1_out, V1_out)
1.6
ns
14-0168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com