Electronic Components Datasheet Search
  English  ▼

X  

PI3V724 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3V724
Description  1 to 2 VGA Demux
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V724 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3V724 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V724 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.pericom.com
10/22/14
PI3V724
1 to 2 VGA Demux
Pinout Table
Pin #
Name
Type
Description
1
R
I/O
Red signal from source
2
G
I/O
Green signal from source
3
GND
Ground
Ground
4
Vdd
Power
3.3V Power Supply
5
B
I/O
Blue signal from source
6
H_Source
I
Horizontal Synchronous signal from source. Internal 300Kohm pull-down
7
V_Source
I
Vertical Synchronous signal from source. Internal 300Kohm pull-down
8
MS
I
Mode Select (switch between auto switch vs. manual switch). OUTx pins work
regardless of MS pin status. Internal pull down.
9
SDA_Source
I/O
DDC data signal from source
10
SCL_Source
I/O
DDC clock signal from source
11
Rref
I
Connect external resistor to ground to determine which application scheme
best matches your design. For actual R values, please see page 6
12
SDA1
I/O
DDC data signal from VGA connector 1
13
SDA2
I/O
DDC data signal from VGA connector 2
14
SCL1
I/O
DDC clock signal from VGA connector 1
15
SCL2
I/O
DDC clock signal from VGA connector 2
16
Vdd5_IN
I (Power)
5V input power supply
17
V2_out
O
Buffered, vertical synch signal output for VGA connector #2
18
V1_out
O
Buffered vertical synchronous signal driving VGA connector #1
19
H2_out
O
Buffered, horizontal synch signal output for VGA connector #2
20
H1_out
O
Buffered horizontal synchronous signal driving VGA connector #1
21
B2
I/O
Un-buffered, Blue signal driving VGA connector 2
22
B1
I/O
Un-buffered, Blue signal driving VGA connector 1
23
Vdd
Power
3.3V Power Supply
24
G2
I/O
Un-buffered, Green signal driving VGA connector 2
25
G1
I/O
Un-buffered, Green signal driving VGA connector 1
26
R2
I/O
Un-buffered, Red signal driving VGA connector 2
27
R1
I/O
Un-buffered, Red signal driving VGA connector 1
28
CE
I
Chip enable input. If signal is LOW, then chip is fully functional. If signal is
HIGH, then IC is powered down and all I/O’s are hi-z
29
OUT
O
open drain output describing external monitor status. If connected, OUT is
LOW, if not connected, OUT is hi-z. OUT will only provide the status of the
CHOSEN port.
Chosen port can be determined based on manual switching
or automatic switching (please see truth table for more information on how to
configure into auto mode or manual mode)
30
Priority/SEL
I
Output Port selection or output port priority depending on MS pin status
31
GND
Ground
Ground
32
Test
I
please tie high or leave floating for normal operation. internal pull-up
14-0168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com