Electronic Components Datasheet Search
  English  ▼

X  

23705 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 23705
Description  cable socket with central screw M 3 x 35
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23705 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  23705 Datasheet HTML 1Page - List of Unclassifed Manufacturers 23705 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mounting
central nut
Material
Contact surface material
Sn
Contact bearer material
PA
Housing material
PA
Environmental conditions
Protection class (IEC 60529)
IP 65 (gasket necessary)
Pollution severity
3
Temperature range
-40 °C to +125 °C
Inflammability class
Housing
94 HB
Contact bearer
94 HB
Approvals
VDE
VDE
SEV
SEV
CSA
CSA
Packing unit
Packaging unit
200 pieces
Scope of delivery and accessories
Accessories to order separately
(NBR) flat gasket GDM 3-7,
Order no. 730 801-002;
(EPDM) flat gasket GDM 3-21,
Order no. 731 739-004;
profiled gasket GDM 3-16,
Order no. 731 531-002;
knurled screw GDM 3011-8,
Order no. 732 574-001;
stainless steel screw GDM 3011 RF-1,
Order no. 734 363-001
page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com