Electronic Components Datasheet Search
  English  ▼

X  

23705 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 23705
Description  cable socket with central screw M 3 x 35
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23705 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  23705 Datasheet HTML 1Page - List of Unclassifed Manufacturers 23705 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDM 3011 schwarz/black
Industrial Connectors:Rectangular connectors GDM-series:Type AEN 175301-803 (DIN
43650) / ISO 4400:Cable socket, self-assembly
Hirschmann Automation and Control GmbH
Product description
Description
cable socket with central screw M 3 x 35
Type
GDM 3011 schwarz/black
Order No.
931 952-100
Other standard types
grey housing,
Order no. 931 952-106
Number of contacts
3 + PE
Cable gland
PG 11
Conductor size
max. 1.5 mm²
Standard
DIN EN 175 301-803-A
Housing Color
black
Construction type
A
Drawing
Technical data
Pin dimensions
6.3 mm x 0.8 mm, 4.8 mm x 0.8 mm
Rated voltage
AC/DC 250 V
Rated current
16 A
Contact resistance
<= 4 mOhm
Type of termination
screw
Suitable cables
6 mm to 9 mm diameter
page 1 of 2


Similar Part No. - 23705

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2370 KR-2370 Datasheet
16Kb / 1P
Lowpass Filter
logo
Coto Technology
2370 COTO-2370 Datasheet
458Kb / 2P
2370 SERIES MULTI-POLE REED RELAYS FOR -40C TO 125C
logo
Abbatron All Rights Res...
2370-2374 ABBATRON-2370-2374 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
23700 ETC2-23700 Datasheet
160Kb / 2P
cable socket with central screw M 3 x 35
23704 ETC2-23704 Datasheet
185Kb / 2P
cable socket with central screw M 3 x 35
More results

Similar Description - 23705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23332 ETC2-23332 Datasheet
167Kb / 2P
cable socket with central screw M 3 x 35
23345 ETC2-23345 Datasheet
197Kb / 2P
cable socket with central screw M 2.5 x 27
23698 ETC2-23698 Datasheet
186Kb / 2P
cable socket with central screw M 3 x 35
23700 ETC2-23700 Datasheet
160Kb / 2P
cable socket with central screw M 3 x 35
23704 ETC2-23704 Datasheet
185Kb / 2P
cable socket with central screw M 3 x 35
23707 ETC2-23707 Datasheet
159Kb / 2P
cable socket with central screw M 3 x 35
1716241 ETC2-1716241 Datasheet
137Kb / 2P
cable socket with central screw M 3 x 35
1716245 ETC2-1716245 Datasheet
155Kb / 2P
cable socket with central screw M 2.5 x 27
1722345 ETC2-1722345 Datasheet
137Kb / 2P
cable socket with central screw M 3 x 35
logo
Schneider Electric
TCSCCN4F3M3T SCHNEIDER-TCSCCN4F3M3T Datasheet
85Kb / 2P
CANopen cable - 1 x RJ45 - cable 3 m
May 2, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com