Electronic Components Datasheet Search
  English  ▼

X  

8762 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 8762
Description  20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8762 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  8762 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8762 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8762 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8762 Paired - Single-Pair Cable
8762 0602000
2 #20 PE FS PVC
2000
46
CHROME
C
8762 060250
2 #20 PE FS PVC
250
6.25
CHROME
8762 060500
2 #20 PE FS PVC
500
12
CHROME
C
8762 060U1000
2 #20 PE FS PVC
U1000
23
CHROME
8762 060U500
2 #20 PE FS PVC
U500
12
CHROME
C = CRATE REEL PUT-UP.
Y = FINAL PUT-UP LENGTH MAY VARY -10% TO +20% FROM LENGTH SHOWN. MAY CONTAIN 2 PIECES. MINIMUM
LENGTH OF ANY ONE PIECE IS 1500'.
Revision Number: 1
Revision Date: 07-27-2005
© 2006 Belden Wire & Cable Company
All Rights Reserved.
Although Belden Electronics Division ("Belden") makes every reasonable effort to ensure their accuracy at the time of this publication,
information and specifications described herein are subject to error or omission and to change without notice, and the listing of such
information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described
herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden CDT Electronics Division believes this product to be in compliance with the following environmental regulations: California
Proposition 65 Consent Judgment For Wire & Cable Mfgs.(San Francisco Superior Court Nos. 312962 And 320342); EU RoHS
(Directive 2002/95/EC, 27-Jan-2003);Material manufactured prior to the compliance date may still be in stock at Belden facilities and in our
Distributor's inventory. EU ELV (Directive 2000/53/EC, 18-Sept-2000); EU WEEE (Directive 2002/96/EC, 27-Jan-2003); And EU BFR
(Directive 2003/11/EC, 6-Feb-2003). The information provided in this Product Disclosure, and the identification of materials listed as
reportable or restricted within the Product Disclosure, is correct to the best of Belden's knowledge, information and belief at the date of its
publication. The information provided in the Product Disclosure is designed only as a general guide for the safe handling, storage, and any
other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality
specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of
legislation and regulations based on their individual usage of the product.
Belden CDT Electronics Division declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended
by directive 93/68/EEC.
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com