Electronic Components Datasheet Search
  English  ▼

X  

8762 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8762
Description  20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8762 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8762 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8762 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8762 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8762 Paired - Single-Pair Cable
For more information please
call
1-800-Belden1
See Put-ups and Colors
Description:
20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil® shield (100% coverage), 20 AWG stranded
TC drain wire, PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Pairs
1
Total Number of Conductors
2
AWG
20
Stranding
7x28
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material
PE - Polyethylene
Nom. Insulation Wall Thickness
.016 in.
Lay Length
1.5 in.
Twists/ft.
8
Pair Color Code Chart :
Number
Color
1
Black & Clear
OUTER SHIELD:
Outer Shield Material Trade Name
Beldfoil®
Outer Shield Type
Tape
Outer Shield Material
Aluminum Foil-Polyester Tape w/Shorting Fold
Outer Shield %Coverage
100 %
OUTER SHIELD DRAIN WIRE :
Outer Shield Drain Wire AWG
20
Outer Shield Drain Wire Stranding
7x28
Outer Shield Drain Wire Conductor Material
TC - Tinned Copper
OUTER JACKET:
Outer Jacket Material
PVC - Polyvinyl Chloride
Page 1 of 3


Similar Part No. - 8762

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8762 BELDEN-8762 Datasheet
243Kb / 2P
Electronic, 2 C #20 Str TC, PE Ins, OS, PVC Jkt, CM
logo
Molex Electronics Ltd.
87620-1001 MOLEX9-87620-1001 Datasheet
162Kb / 4P
1.27mm (.050) Pitch SCA-2 Receptacle, Through Hole, Right Angle, Extended Height, Reverse D Mate, Leadfree
logo
List of Unclassifed Man...
8762060100 ETC2-8762060100 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
87620601000 ETC2-87620601000 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
876206010000 ETC2-876206010000 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
More results

Similar Description - 8762

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345981 ETC2-1345981 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
1346634 ETC2-1346634 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
1348391 ETC2-1348391 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
28435 ETC2-28435 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
9842 ETC2-9842 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
1351322 ETC2-1351322 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
1503A ETC2-1503A Datasheet
24Kb / 3P
22 AWG stranded (7x30) TC conductors, PVC insulation, twisted pair, overall Beldfoil shield
9841 ETC2-9841 Datasheet
30Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
1508A ETC2-1508A Datasheet
86Kb / 3P
24 AWG stranded (7x32) TC conductors, Polyolefin insulation, twisted pair, overall Beldfoil shield
1421A ETC2-1421A Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com