Electronic Components Datasheet Search
  English  ▼

X  

QPA3230 Datasheet(PDF) 5 Page - RF Micro Devices

Part # QPA3230
Description  GaAs/GaN Power Doubler Hybrid
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPA3230 Datasheet(HTML) 5 Page - RF Micro Devices

  QPA3230 Datasheet HTML 1Page - RF Micro Devices QPA3230 Datasheet HTML 2Page - RF Micro Devices QPA3230 Datasheet HTML 3Page - RF Micro Devices QPA3230 Datasheet HTML 4Page - RF Micro Devices QPA3230 Datasheet HTML 5Page - RF Micro Devices QPA3230 Datasheet HTML 6Page - RF Micro Devices QPA3230 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Revision DS20150921
- 5 of 7 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
QPA3230
RFMD + TriQuint = Qorvo
Change of Distortion Performance Over Current
Test Condition: V+=24V, TMB = 30°C; ZS = ZL
= 75Ω,VO = 62.0dBmV at 1000MHz, 18dB extrapolated tilt, 79
analog channels plus 75 digital channels (-6dB offset)
0,0
2,0
4,0
6,0
8,0
10,0
12,0
0
100
200
300
400
500
600
f [MHz]
CTB change over device current, typical values
470mA
450mA
430mA
410mA
390mA
370mA
-12,0
-10,0
-8,0
-6,0
-4,0
-2,0
0,0
0
100
200
300
400
500
600
f [MHz]
CIN change over device current, typical values
470mA
450mA
430mA
410mA
390mA
370mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com