Electronic Components Datasheet Search
  English  ▼

X  

QPA3230 Datasheet(PDF) 1 Page - RF Micro Devices

Part # QPA3230
Description  GaAs/GaN Power Doubler Hybrid
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPA3230 Datasheet(HTML) 1 Page - RF Micro Devices

  QPA3230 Datasheet HTML 1Page - RF Micro Devices QPA3230 Datasheet HTML 2Page - RF Micro Devices QPA3230 Datasheet HTML 3Page - RF Micro Devices QPA3230 Datasheet HTML 4Page - RF Micro Devices QPA3230 Datasheet HTML 5Page - RF Micro Devices QPA3230 Datasheet HTML 6Page - RF Micro Devices QPA3230 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Revision DS20150921
- 1 of 7 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
QPA3230
GaAs/GaN Power Doubler Hybrid
45MHz to 1218MHz
The QPA3230 is a Hybrid Power Doubler amplifier module. The part
employs GaAs pHEMT die and GaN HEMT die, has extremely high
output capability, and is operated from 45MHz to 1218MHz. It
provides excellent linearity and superior return loss performance with
low noise and optimal reliability. DC current of the device can be
externally adjusted for optimum distortion performance versus power
consumption over a wide range of output level.
Functional Block Diagram
Ordering Information
QPA3230
Box with 50 pieces
Package: SOT-115J
Features
■
Excellent Linearity
■
Superior Return Loss
Performance
■
Optimal Reliability
■
Low Noise
■
Unconditionally Stable Under
All Terminations
■
22.5dB Min. Gain at 1218MHz
■
480mA Max.
■
Extra Pin For Current
Adjustment
Applications
■
45MHz to 1218MHz CATV
Amplifier Systems
■
DOCSIS 3.1 Compliant
INPUT
OUTPUT
V+
Current setting
QPA3230


Similar Part No. - QPA3230

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3230 QORVO-QPA3230 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results

Similar Description - QPA3230

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2540 RFMD-RFPD2540 Datasheet
244Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
RFPD3540 RFMD-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid
RFPD3580 RFMD-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid
logo
Qorvo, Inc
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com