Electronic Components Datasheet Search
  English  ▼

X  

RFCA3306 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFCA3306
Description  High Linearity InGaP HBT MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCA3306 Datasheet(HTML) 2 Page - RF Micro Devices

  RFCA3306 Datasheet HTML 1Page - RF Micro Devices RFCA3306 Datasheet HTML 2Page - RF Micro Devices RFCA3306 Datasheet HTML 3Page - RF Micro Devices RFCA3306 Datasheet HTML 4Page - RF Micro Devices RFCA3306 Datasheet HTML 5Page - RF Micro Devices RFCA3306 Datasheet HTML 6Page - RF Micro Devices RFCA3306 Datasheet HTML 7Page - RF Micro Devices RFCA3306 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RFCA3306
DS130307
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ICC)170
mA
Max Device Voltage (VCC)9
V
Max CW RF Input Power
15
dBm
Max Operating Junction Temp (TJ)170
°C
Operating Temperature Range (TL)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Rating (HBM)
1000V
Moisture Sensitivity Level
MSL2
Notes:
1. The maximum ratings must all be met simultaneously.
2. PDISS = PDC + PRFIN - PRFOUT
3. TJ = TL + PDISS * RTH
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (75
:)
50MHz to 1000MHz Application, VCC = 8.0V,
ID = 140mA, TL = 25°C, ZS = ZL = 75:
Frequency Range
50
1000
MHz
Small Signal Gain
22
dB
50MHz
20
21
dB
500MHz
18.5
dB
1000MHz
Gain Flatness
3.5
dB
P1dB
24.5
dBm
50MHz to 1000MHz
Noise Figure
3
dBm
Input Return Loss
13
dB
50MHz
10.5
dB
1000MHz
Output Return Loss
14.5
dB
50MHz
13.8
dB
1000MHz
Output IP3
43.8
dBm
50MHz, Tone Spacing = 6MHz,
POUT per Tone = +5dBm
34
36.7
dBm
1000MHz, Tone Spacing = 6MHz,
POUT per Tone = +5dBm
Output IP2
59.5
dBm
50MHz, Tone Spacing = 30MHz,
POUT per Tone = +0dBm
50.4
dBm
1000MHz, Tone Spacing = 30MHz,
POUT per Tone = +0dBm
CSO
-60
dBc
79 Channels, +29dBmV/ch output
CTB
-87
dBc
XMOD
-85
dBc
Power Supply
50MHz to 1000MHz Application,
TL = 25°C, ZS = ZL = 75:
Device Operating Voltage (VCC)
7.5
8
8.5
V
Device Operating Current (ICC)
125
140
155
mA
Quiescent, VCC = 8.0V
Thermal Resistance (RTH)
53
°C/W
Junction to backside of PCB under the IC,
VCC = 8.0V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000 ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com