Electronic Components Datasheet Search
  English  ▼

X  

RFCA3306 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFCA3306
Description  High Linearity InGaP HBT MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCA3306 Datasheet(HTML) 1 Page - RF Micro Devices

  RFCA3306 Datasheet HTML 1Page - RF Micro Devices RFCA3306 Datasheet HTML 2Page - RF Micro Devices RFCA3306 Datasheet HTML 3Page - RF Micro Devices RFCA3306 Datasheet HTML 4Page - RF Micro Devices RFCA3306 Datasheet HTML 5Page - RF Micro Devices RFCA3306 Datasheet HTML 6Page - RF Micro Devices RFCA3306 Datasheet HTML 7Page - RF Micro Devices RFCA3306 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC DS13030727409-9421 · For sales or
technical support, contact RFMD at ((+1) 336-678-5570 or c
customerser-
Ordering Information
RFCA3306
RFCA3306
75
: High Linearity InGaP HBT
MMIC Amplifier
RFMD's RFCA3306 is a high performance InGaP HBT MMIC amplifier designed to
run from a single +8V supply, without the need for an external dropping resistor.
The high gain, high linearity, and low distortion from 50MHz to 1000MHz make this
part ideal for broadband cable applications. An integrated active bias circuit pro-
vides stable gain over temperature and process variations. It is offered in a small
SOT-89 package and is RoHS compliant.
Features
„ High Gain: 21dB
„ High Linearity and Low Distortion
„ 41dBm OIP3 at 500MHz
„ -60dBc CSO
„ -87dBc CTB
„ Single 8V Supply
„ Noise Figure: 3dB at 500MHz
„ SOT-89 Package
Applications
„ Broadband 75
: Gain Block
„ CATV Distribution Amplifiers
„ Pre-amplifier for CATV Multi-
Dwelling Units
DS130307
Package: SOT-89
RFCA3306
75
: High Lin-
earity InGaP
HBT
RFCA3306SQ
Sample bag with 25 pieces
RFCA3306SR
7" Reel with 100 pieces
RFCA3306TR13
13" Reel with 2500 pieces
RFCA3306PCK-410
50MHz to 1000MHz PCBA with 5-piece sample bag


Similar Part No. - RFCA3306

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCA3302 RFMD-RFCA3302 Datasheet
682Kb / 8P
AMPLIFIER
More results

Similar Description - RFCA3306

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
AH420 TRIQUINT-AH420 Datasheet
562Kb / 8P
4W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z_12 Datasheet
452Kb / 8P
HIGH LINEARITY InGaP HBT AMPLIFIER
logo
SJM Prewell. All Rights...
PH230 SJM-PH230 Datasheet
403Kb / 5P
High Linearity InGaP HBT Amplifier
PH330 SJM-PH330 Datasheet
787Kb / 8P
High Linearity InGaP HBT Amplifier
PH335 SJM-PH335 Datasheet
471Kb / 6P
High Linearity InGaP HBT Amplifier
PH435 SJM-PH435 Datasheet
585Kb / 6P
High Linearity InGaP HBT Amplifier
PH465 SJM-PH465 Datasheet
828Kb / 8P
High Linearity InGaP HBT Amplifier
PH530-S8 SJM-PH530-S8 Datasheet
1Mb / 7P
High Linearity InGaP HBT Amplifier
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com