Electronic Components Datasheet Search
  English  ▼

X  

PI3DBS3224 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3DBS3224
Description  3.3V High Speed 2 : 4 Differential Mux/Demux
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBS3224 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3DBS3224 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.pericom.com
04/28/14
PI3DBS3224
3.3V High Speed 2:4 Differential Mux/Demux
DC Electrical Characteristics over Operating Range
For Single 1:4 or Dual 1:2 configurations. TA = -40 OC to 85 OC, Typical values are at Vcc = 3.3V, TA= 25 OC (unless otherwise
noted)
Symbol
Parameter
Test Condition
Min Typ Max
Unit
VIK
Digital input clamp voltage
VCC = 3.6 V, II = -18 mA
-1.2
-0.9
V
IIN
Digital input leakage current
VCC = 3.6 V, VIN =0 to 3.6 V
±2
μA
IOZ(3)
VCC = 3.6 V, VO = 0 V to 3.6 V, VI = 0 V, Switch
OFF
±2
μA
IOFF
Power off leakage current
VCC = 0 V, VIN = VCC or GND, VI/O = 0 V to 3.6 V
±8
μA
ICC
Supply current
VCC = 3.6 V, II/O = 0, Switch ON or OFF
70
130
μA
CIN
Digital input capacitance
VCC = 3.3 V, VIN = VCC or GND
3
5
pF
CI/O(OFF)
OFF capacitance
VCC = 3.3 V, VI/O = 3.3V or 0, f = 10MHZ, Switch
OFF
6
7
pF
CI/O(ON)
ON capacitance
VCC = 3.3 V, VI/O = 3.3V or 0, f = 10MHZ, Switch
ON
9
10
pF
ron
ON state resistance
VCC = 3.6 V, VI = VCC, IO = -30 mA
13
19
Ω
VCC = 3.3 V, VI = 0.5 V, IO = -30 mA
10
Ω
∆ron
ON state resistance match be-
tween channel
VCC = 3 V, VI = 0 to VCC, IO = -30 mA
2
2.5
Ω
ron(flat)
ON state resistance flatness
VCC = 3 V, VI = 1.5 V and VCC, IO = -30 mA
4
6
Ω
Notes:
1.
VIN and IIN refer to control inputs. VI, VO, II and IO refer to data pins.
2.
All typical values are at VCC = 3.3V (unless otherwise noted), TA = 25 OC.
3.
For I/O ports, the parameter IOZ includes the input leakage current.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Storage Temperature.............................................. -65ºC to+155ºC
Supply Voltage to Ground Potential.......................-0.3V to+4.0V
DC Input Voltage ......................................................-0.3V to+4.3V
DC Output Current ..............................................................120mA
Power Dissipation .................................................................... 0.5W
14-0061



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com