Electronic Components Datasheet Search
  English  ▼

X  

PI3DBS3224 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3DBS3224
Description  3.3V High Speed 2 : 4 Differential Mux/Demux
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBS3224 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3DBS3224 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.pericom.com
04/28/14
PI3DBS3224
3.3V High Speed 2:4 Differential Mux/Demux
Switching Characteristics
For fan-out 1:2 configuration. Over operating range, TA = -40 OC to 85 OC, Vcc = 3.3V ± 10%, GND = 0 V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ Max Unit
tpd(1)
RL = 50 Ω, CL = 2 pF
140
ps
tON
SAI/SAO/SBI/SBO to OUTAx/OUTBx
R = 50 Ω, CL = 2 pF
40
100
ns
tOFF
SAI/SAO/SBI/SBO to OUTAx/OUTBx
RLL = 50 Ω, CL = 2 pF
20
30
ns
tsk(o)(2)
RL = 50 Ω, CL = 2 pF
60
ps
tsk(p)(3)
RL = 50 Ω, CL = 2 pF
60
ps
Notes:
1.
The propagation delay is the calculated RC time constant of the typical ON-State resistance of the switch and the specified load capacitance when driven by an
ideal voltage source (zero output impedance).
2.
Output skew between center channel and any other channel.
3.
Skew between opposite transitions of the same output ( |tPHL - tPLH | ).
DC Electrical Characteristics over Operating Range
TA = -40 OC to 85 OC, Typical values are at Vcc = 3.3V, TA= 25 OC
Symbol
Parameter
Test Condition
Min
Typ
Max Unit
VIO
Analog I/O voltage
0
VCC
V
VIH
High level input control voltage ENx, SAx, SBx Pins
0.75VCC
VCC
V
VIL
Low level input control voltage ENx, SAx, SBx Pins
0
0.6
V
VCC
Supply voltage
3.0
3.6
V
14-0061



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com