Electronic Components Datasheet Search
  English  ▼

X  

PI3TB212 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3TB212
Description  10.3Gbps Thunderbolt and DisplayPort Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3TB212 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3TB212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
All trademarks are property of their respective owners.
PI3TB212
10.3125Gbps Thunderbolt and DisplayPort Switch
03/12/13
Pull-up/Pull-downs
Parameter
Description
Test Conditions
Min.
Typ.(1) Max. Units
R2
Pull-down value on AUX+
path
S0 = 10G_EN = DP_EN#=TBC-4 = 0V
VDD=3.3V, TBC-16 = 3.3V
VDD = 0V, TBC-16 = 3.3V
88
88
105
105
Kohm
R1
Pull-up value on AUX- path
S0 = 10G_EN = DP_EN#=TBC-4 = 0V
VDD = 3.3V, TBC-18 = 0V
88
105
Kohm
R4
Pull-down value on LSRx
path
S0 = 10G_EN = 0V;
DP_EN#=TBC-11=3.3V;
VDD = 3.3V
1
1.5
Mohm
R3
Pull-up value on LSTx path
S0 = 10G_EN = 0V;
DP_EN# = VDD; LSTx=0V
VDD = 3.3V
8.8
10.5
Kohm
Notes:
1. Typical values are at VDD = 3.3V , TA = 25°C ambient and maximum loading.
2. See figure 2 for test setup
Parameter
Description
Test Conditions
Min.
Typ
Max.
Units
Vp_TBT
TB Rx_1(p) and TB Rx_1(n) path (2)
VDD = 3.3V, Ipass =
10mA
1.0
1.3
V
Vp_AUX/DDC
AUX+, AUX-, DDC_SCL, & DDC_SDA
path (2)
VDD = 3.3V, Ipass =
10mA
3.6
4.2
V
Vp_ML
ML1(p) and ML1(n) path (2)
VDD = 3.3V, Ipass =
10mA
2.2
2.5
V
Vp_LSTx
LSTx signal path (2)
VDD = 3.3V, Ipass =
10mA
3.6
4.2
V
Linear region for Analog switches (non-buffered paths)
Timing
Parameter
Description
Test Conditions
Min.
Typ.(1) Max. Units
Tsw
Switching time between paths
VDD = 3.0V
2
us
Tstartup
VDD valid to channel enable
VDD valid = 2.7V
VDD ramp is from 0V to 3.3V
10
us
Twakeup
From sleep mode to on mode (tog-
gling S0)
VDD = 3.0V
2
us
Tb-b
Bit-to-bit skew within the same
differential pair
VDD =
3.0V
(between pin 22 & 23)
2
5
ps
(between pin 19 & 20)
2
5
13-0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com