Electronic Components Datasheet Search
  English  ▼

X  

PI3TB212 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3TB212
Description  10.3Gbps Thunderbolt and DisplayPort Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3TB212 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI3TB212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
All trademarks are property of their respective owners.
PI3TB212
10.3125Gbps Thunderbolt and DisplayPort Switch
03/12/13
+
–
+
–
BALANCED
PORT1
BALANCED
PORT2
DUT
+
–
50
50
Fig 3: Diff. Off Isolation Test Circuit
+
–
+
–
BALANCED
PORT1
BALANCED
PORT2
DUT
Fig 1: Diff. Insertion Loss
and Return Test Circuit
VDD
Fig 2: Linear Region Test Setup
Test Circuit for Electrical Characteristics(1-5)
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. Output 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
output 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5. The outputs are measured one at a time with one transition per measurement.
4pF
CL
VDD
COM Port
200-ohm
Pulse
Generator
D.U.T
Port2
Port1
xEN
Switching Waveforms
Voltage Waveforms SwitchingTimes
Tsw
50%
50%
VDD
VOH
0V
VOL
Tsw
Tsw
Tsw
Output 1
Output 2
VOL
VOH
xEN
50%
50%
Test Condition:
Output1: Port 1=Low, Port 2=High
Output2: Port 1=High, Port 2=Low
13-0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com