Electronic Components Datasheet Search
  English  ▼

X  

PI5V330W Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5V330W
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V330W Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI5V330W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS7032I
01/14/13
PI5V330
Low On-Resistance Wideband/Video
Quad 2-Channel Mux/DeMux
Packaging Mechanical: 16-pin QSOP (Q)
Ordering Information
Ordering Code
Package Code
Package Description
PI5V330W
W
16-pin150-milwideplasticSOIC
PI5V330WE
W
Pb-free&Green,16-pin150-milwideplasticSOIC
PI5V330Q
Q
16-pin150-milwideplasticQSOP
PI5V330QE
Q
Pb-free&Green,16-pin150-milwideplasticQSOP
Notes:
1. Thermalcharacteristicscanbefoundonthecompanywebsiteatwww.pericom.com/packaging/
PericomSemiconductorCorporation•1-800-435-2336 • www.pericom.com
.189
.197
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
1
16
.150
.157
X.XX
X.XX
DENOTES DIMENSIONS IN MILLIMETERS
0.635
4.80
5.00
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
0.38
.008
0.203
.015 x 45°
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
DESCRIPTION: 16-Pin 150-Mil Wide QSOP
PACKAGE CODE: Q
DOCUMENT CONTROL NO.
PD - 1201
REVISION: G
DATE: 11/07/07
Note:
1) Controlling dimensions in inches.
2) Ref: JEDEC MO-137B/AB.
3) Dimensions do not include mold flash, protrusions or gate burrs
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
13-0017



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com