Electronic Components Datasheet Search
  English  ▼

X  

PI5V330W Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5V330W
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V330W Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5V330W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS7032I
1/14/13
Truth Table
EN
IN
ON Switch
0
0
S1A, S1B, S1C, S1D
0
1
S2A, S2B, S2C, S2D
1
X
Disabled
Features
• High-performancesolutiontoswitchbetweenvideosources
• Widebandwidth:400MHz(typical)
• LowOn-Resistance:5Ω(typical)
• Lowcrosstalkat10MHz:–56dB
• Ultra-lowquiescentpower(0.1µAtypical)
• Singlesupplyoperation:+5.0V
• Packaging(Pb-free&GreenAvailable):
–16-pin150-milwideplasticSOIC(W)
–16-pin150-milwideplasticQSOP(Q)
PI5V330
Low On-Resistance Wideband/Video
Quad 2-Channel Mux/DeMux
Block Diagram
Description
PericomSemiconductor’sPI5V330isatruebidirectionalQuad
2-channelmultiplexer/demultiplexerrecommendedforboth
RGBandcompositevideoswitchingapplications.Thevideo
switchcanbedrivenfromacurrentoutputRAMDACorvoltage
outputcompositevideosource.
LowOn-Resistanceandwidebandwidthmakeitidealforvideo
andotherapplications.Alsothisdevicehasexceptionallyhigh
currentcapabilitywhichisfargreaterthanmostanalogswitches
offeredtoday.Asingle5Vsupplyisallthatisrequiredforopera-
tion.
ThePI5V330offersahigh-performance,low-costsolutionto
switchbetweenvideosources.Theapplicationsectiondescribes
thePI5V330replacingtheHC4053multiplierandbuffer/
amplifier.
Pin Configuration
Pin Description
Pin Name
Description
S1A, S1B, S1C, S1D
S2A, S2B, S2C, S2D
AnalogVideoI/O
IN
SelectInput
EN
Enable
DA, DB
DC, DD
AnalogVideoI/O
GND
Ground
VCC
Power
13-0017


Similar Part No. - PI5V330W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330W PERICOM-PI5V330W Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330WE PERICOM-PI5V330WE Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results

Similar Description - PI5V330W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Princeton Technology Co...
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328 PTC-PT2328_10 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com