Electronic Components Datasheet Search
  English  ▼

X  

UBC41 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UBC41
Description  4-in-1 Battery Charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UBC41 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UBC41 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UBC41 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved UBC41 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-in-1 Battery Charger
MODEL NUMBER: UBC41
Description
The versatile UBC41 4-in-1 Battery Charger has many uses from charging the dead battery in your automobile or
golf cart to various fleet and industrial operations. Compatible with any lead acid battery, including gel-type, maintenance-free, absorbent glass mat (AGM)
and Ni-MH, the UBC41 operates on either 120V or 240V AC input mains voltage at an automatically selected 50 Hz or 60 Hz. The charger works with 12-, 24-,
36- or 48-volt batteries at high or low charge rates. Use the included alligator clips to connect the charger to the battery.
LED display monitors charge rate, battery capacity and float status. It also informs you of charging errors, such as a blown fuse, at a glance. Built-in cooling
fan and automatic shutdown feature protect the unit from overheating. The charger is also protected from short circuits and accidental reverse connections.
The rugged aluminum housing is designed to handle day-to-day stress. Built-in mounting feet allow the UBC41 to be permanently installed on any rigid
horizontal surface with user-supplied hardware.
Features
Digital Power Electronics for Accurate, Reliable Operation
All-in-one charger compatible with 12V, 24V, 36V and 48V batteries
Selectable high and low charge rates (H/L 12V/24V: 30A/10A; 36V: 25A/10A; 48V: 15A/7A)
Selectable 120V or 240V input mains voltage
Automatically selects 50 Hz or 60 Hz
Charges Lead Acid Batteries
Including gel-type, maintenance-free, AGM and Ni-MH
Comes with alligator clips for connection
Easy-to-Read LED Display
Yellow and green LEDs monitor charge rate, battery capacity and float status
Red LED alerts you to overheating, wrong battery voltage and other charging errors
Protection Functions
Highlights
Charges 12V, 24V, 36V and 48V
batteries
Selectable 120V or 240V input
mains voltage (50/60 Hz)
Compatible with lead acid
batteries
Easy-to-read LED display
monitors charge status
Keeps battery at full capacity
without overcharging
Package Includes
UBC41 4-in-1 Battery Charger
Alligator clips with cable
Power cord with NEMA 5-15P
plug
Owner’s manual
1 / 3


Similar Part No. - UBC41

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBC41 PHILIPS-UBC41 Datasheet
422Kb / 11P
DUODIODE TRIODE
11.11.1951
More results

Similar Description - UBC41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
BATTERY CHARGER
GSCC-8.507BC-E
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Analog Intergrations Co...
AIC1790 AIC-AIC1790 Datasheet
325Kb / 19P
1 Cell Linear Lithium-Ion Battery Charger
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Billiton Ltd.
TP4056X ASIC-TP4056X Datasheet
978Kb / 17P
1 A linear lithium ion battery charger
logo
Shenzhenshi YONGFUKANG ...
VAS5175A YONGFUKANG-VAS5175A Datasheet
859Kb / 15P
2.0A, 1 / 2 lithium battery switch charger
logo
Mean Well Enterprises C...
NCP-3200 MEANWELL-NCP-3200 Datasheet
349Kb / 10P
3200W Rack Mountable Front End Rectifier & Battery Charger 2-in-1
2023-02-17
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com