Electronic Components Datasheet Search
  English  ▼

X  

UBC41 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # UBC41
Description  4-in-1 Battery Charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UBC41 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  UBC41 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UBC41 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved UBC41 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Protection Functions
Shuts down automatically upon overheating, and restarts when cooled to appropriate temperature
Won’t operate when battery connectors are attached in reverse
Durable Construction
Rugged aluminum housing stands up to daily use
Built-in mounting feet allow installation on any rigid horizontal surface
Specifications
OVERVIEW
Accessories Type
Battery Charger
OUTPUT
Frequency Compatibility
50 / 60 Hz
INPUT
Nominal Input Voltage(s) Supported
120V AC; 240V AC
Input Connection Type
NEMA 5-15P power cord
BATTERY
Battery Charge
Selectable high and low charge rates (H/L 12V/24V: 30A/10A; 36V: 25A/10A; 48V: 15A/7A)
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LED Details
Yellow and green LEDs monitor charge rate, battery capacity and float status. Red LED alerts you to overheating,
wrong battery voltage and other charging errors.
PHYSICAL
Unit Dimensions (hwd / in.)
3.96 x 8.78 x 11.81
Unit Dimensions (hwd / cm)
10.06 x 22.30 x 29.99
Unit Weight (lbs.)
9.7
Unit Weight (kg)
4.39
Material of Construction
Aluminum
Color
Silver
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com