Electronic Components Datasheet Search
  English  ▼

X  

APX7320 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APX7320
Description  Three-Phase Full-wave Sine-wave Brushless Motor Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX7320 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APX7320 Datasheet HTML 9Page - Anpec Electronics Coropration APX7320 Datasheet HTML 10Page - Anpec Electronics Coropration APX7320 Datasheet HTML 11Page - Anpec Electronics Coropration APX7320 Datasheet HTML 12Page - Anpec Electronics Coropration APX7320 Datasheet HTML 13Page - Anpec Electronics Coropration APX7320 Datasheet HTML 14Page - Anpec Electronics Coropration APX7320 Datasheet HTML 15Page - Anpec Electronics Coropration APX7320 Datasheet HTML 16Page - Anpec Electronics Coropration APX7320 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1- Aug., 2015
APX7320
www.anpec.com.tw
13
Preliminary
Function Description
Forward Rotation Timing Chard (FR=GND, VLAH=0V)
HUP
HUM
HVP
HVM
HWP
HWM
SU
SV
SW
UO
VO
WO
FG
Hall input signal
FG output signal
Sine wave Modulation
waveform of UO,VO,WO
(in side the IC)
Output PWM signal
for sine wave drive
(UO,VO,WO)
Figure 5: Forward Rotation Input and Output timing chards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com