Electronic Components Datasheet Search
  English  ▼

X  

APX7320 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX7320
Description  Three-Phase Full-wave Sine-wave Brushless Motor Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX7320 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX7320 Datasheet HTML 1Page - Anpec Electronics Coropration APX7320 Datasheet HTML 2Page - Anpec Electronics Coropration APX7320 Datasheet HTML 3Page - Anpec Electronics Coropration APX7320 Datasheet HTML 4Page - Anpec Electronics Coropration APX7320 Datasheet HTML 5Page - Anpec Electronics Coropration APX7320 Datasheet HTML 6Page - Anpec Electronics Coropration APX7320 Datasheet HTML 7Page - Anpec Electronics Coropration APX7320 Datasheet HTML 8Page - Anpec Electronics Coropration APX7320 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1- Aug., 2015
APX7320
www.anpec.com.tw
2
Preliminary
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Ordering and Marking Information
Symbol
Parameter
Ratings
Unit
VCC
VCC Pin Supply Voltage (VCC to SGND)
-0.3 to 34
V
VM
VM Pin Supply Voltage (VM to PGND)
-0.3 to 34
V
VVCP
VCP Pin Output Voltage (VCP to SGND)
-0.3 to VCC+6V
V
IOUT
UO, VO, WO Pin Maximum Output Peak Current
4.5
A
VUO, VO, WO
UO, VO and WO Pins Output Voltage
VPGND-0.3 to VCC
V
VHP, HM
HUP, HUM, HVP, HVM, HWP and HWM Pins Input Voltage
-0.3 to 6
V
VVLA (H, L, LIM)
VLAH, VLAL and VLA_LIM Pins Input Voltage (to SGND)
-0.3 to 6
V
VVSP
VSP Pin Input Voltage (VSP to SGND)
-0.3 to 6
V
VMIN
MIN Pin Input Voltage (MIN to SGND)
-0.3 to 6
V
VFR
FR Pin Input Voltage (FR to SGND)
-0.3 to 6
V
VVLIM
VLIM Pin input Voltage (VLIM to SGND)
-0.3 to 6
V
I5VREG
5VREG Pin Output Source Current
0 to -30
mA
VFG
FG Pin Output Voltage
-0.3 to 34
V
IFG
FG Pin Maximum Output Sink Current
10
mA
TJ
Maximum Junction Temperature
150
o
C
TSTG
Storage Temperature
-65 to 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
APX7320
Package Code
R: TSSOP - 28P
Operating Ambient Temperature Range
I : -40 to 90
oC
Handling Code
TR : Tape & Reel
Assembly Material
G: Halogen and Lead Free Device
Assembly Material
Handling Code
Temperature Range
Package Code
APX7320 R :
APX7320
XXXXX
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com